Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD101-B1-02 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ESD101-B1-02
Description  Bi-directional, 5.5 V, 0.1 pF, 0201, 0402, RoHS and Halogen Free compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD101-B1-02 Datasheet(HTML) 1 Page - Infineon Technologies AG

  ESD101-B1-02_15 Datasheet HTML 1Page - Infineon Technologies AG ESD101-B1-02_15 Datasheet HTML 2Page - Infineon Technologies AG ESD101-B1-02_15 Datasheet HTML 3Page - Infineon Technologies AG ESD101-B1-02_15 Datasheet HTML 4Page - Infineon Technologies AG ESD101-B1-02_15 Datasheet HTML 5Page - Infineon Technologies AG ESD101-B1-02_15 Datasheet HTML 6Page - Infineon Technologies AG ESD101-B1-02_15 Datasheet HTML 7Page - Infineon Technologies AG ESD101-B1-02_15 Datasheet HTML 8Page - Infineon Technologies AG ESD101-B1-02_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Power Management & Multimarket
Data Sheet
Revision 1.3, 2015-07-13
Final
ESD101-B1-02 Series
Bi-directional, 5.5 V, 0.1 pF, 0201, 0402, RoHS and Halogen Free compliant
ESD101-B1-02ELS
ESD101-B1-02EL
Protection Device
TVS (Transient Voltage Suppressor)


Similar Part No. - ESD101-B1-02_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD101-B1-02EL INFINEON-ESD101-B1-02EL Datasheet
656Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
logo
Shanghai Leiditech Elec...
ESD101-B1-02EL LEIDITECH-ESD101-B1-02EL Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Infineon Technologies A...
ESD101-B1-02ELS INFINEON-ESD101-B1-02ELS Datasheet
656Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
More results

Similar Description - ESD101-B1-02_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD234-B1-W0201 INFINEON-ESD234-B1-W0201 Datasheet
732Kb / 14P
   Bi-directional, 5.5 V, 56 pF, 0201, RoHS and halogen free compliant
Revision 1.0 2018-09-06
ESD131-B1-W0201 INFINEON-ESD131-B1-W0201 Datasheet
795Kb / 14P
   Bi-directional, 5.5 V, 0.23 pF, 0201, RoHS and Halogen Free compliant
Revision 1.0 2017-03-27
ESD231-B1-W0201 INFINEON-ESD231-B1-W0201 Datasheet
851Kb / 16P
   Bi-directional, 5.5 V, 3.5 pF, 0201, RoHS and Halogen Free compliant
Revision 1.1, 2015-10-02
ESD121-B1-W0201 INFINEON-ESD121-B1-W0201 Datasheet
2Mb / 14P
   Bi-directional, 7 V, 0.25 pF, 0201, RoHS and halogen free compliant
v1.1 2019-07-29
ESD202-B1-CSP01005 INFINEON-ESD202-B1-CSP01005_15 Datasheet
718Kb / 14P
   Bi-directional, 5.5 V, 6.5 pF, 01005, RoHS and Halogen Free compliant
Revision 1.2, 2014-12-23
ESD133-B1-W01005 INFINEON-ESD133-B1-W01005 Datasheet
851Kb / 14P
   Bi-directional, 5.5 V, 0.2 pF, 01005, RoHS and Halogen Free compliant
Revision 1.0 2018-01-12
ESD120-B1-W0201 INFINEON-ESD120-B1-W0201 Datasheet
2Mb / 14P
   Protection device Bi-directional, 2.1 V, 0.28 pF, 0201, RoHS and halogen free compliant
v1.0 2019-06-24
ESD145-B1-W01005 INFINEON-ESD145-B1-W01005 Datasheet
852Kb / 14P
   Bi-directional, 18 V, 0.2 pF, 01005, RoHS and Halogen Free compliant
Revision 1.0 2017-08-14
ESD129-B1-W01005 INFINEON-ESD129-B1-W01005 Datasheet
777Kb / 15P
   Bi-directional, 18 V (AC), 13 V (DC), 0.3 pF, 01005, RoHS and Halogen Free compliant
Revision 1.2 2018-08-01
ESD307-U1-02N INFINEON-ESD307-U1-02N_15 Datasheet
694Kb / 14P
   Uni-directional, 10 V, 270 pF, 0603, RoHS and Halogen Free compliant
Revision 1.0, 2014-05-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com