Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD5V5U5ULC Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ESD5V5U5ULC
Description  Ultra-low Capacitance ESD / Transient / Surge Protection Array
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD5V5U5ULC Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ESD5V5U5ULC_15 Datasheet HTML 2Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 3Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 4Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 5Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 6Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 7Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 8Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 9Page - Infineon Technologies AG ESD5V5U5ULC_15 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ESD5V5U5ULC
Characteristics
Final Data Sheet
6
Revision 1.3, 2015-07-16
Table 3
DC Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Reverse working voltage VRWM
5.5
V
I/O to GND
Reverse current
IR
<1
100
nA
VR = 5.5 V,
I/O to GND
Table 4
RF Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Line capacitance
CL
–0.45
1
pF
VR = 0 V, f = 1 MHz,
I/O to GND
–0.23
0.5
pF
VR = 0 V, f = 1 MHz,
I/O to I/O
Line capacitance
CL
–0.25
pF
VR = 0 V,
f = 825 MHz,
I/O to GND
–0.13
pF
VR = 0 V,
f = 825 MHz,
I/O to I/O
Capacitance variation
between I/O and GND
Ci/o-GND –0.02
pF
VR = 0 V, f = 1 MHz,
I/O to GND
Capacitance variation
between I/O
Ci/o-i/o
–0.01
pF
VR = 0 V, f = 1 MHz,
I/O to I/O


Similar Part No. - ESD5V5U5ULC_15

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESD5V5U5ULC TECHPUBLIC-ESD5V5U5ULC Datasheet
1Mb / 4P
   Low Capactitance 5-Line TVS Array
More results

Similar Description - ESD5V5U5ULC_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TVS3V3L4U INFINEON-TVS3V3L4U Datasheet
1Mb / 16P
   Low Capacitance ESD / Transient / Surge Protection Array
Revision 2.4, 2013-02-06
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N_16 Datasheet
86Kb / 5P
   Ultra Low Capacitance ESD Protection Array
November, 2016 ??Rev. 5
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
   Ultra low capacitance ESD protection array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com