Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3P1108 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX3P1108
Description  NX3P1108_15
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3P1108 Datasheet(HTML) 4 Page - NXP Semiconductors

  NX3P1108_15 Datasheet HTML 1Page - NXP Semiconductors NX3P1108_15 Datasheet HTML 2Page - NXP Semiconductors NX3P1108_15 Datasheet HTML 3Page - NXP Semiconductors NX3P1108_15 Datasheet HTML 4Page - NXP Semiconductors NX3P1108_15 Datasheet HTML 5Page - NXP Semiconductors NX3P1108_15 Datasheet HTML 6Page - NXP Semiconductors NX3P1108_15 Datasheet HTML 7Page - NXP Semiconductors NX3P1108_15 Datasheet HTML 8Page - NXP Semiconductors NX3P1108_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NX3P1108
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 9 January 2013
4 of 16
NXP Semiconductors
NX3P1108
Logic controlled high-side power switch
10. Recommended operating conditions
11. Thermal characteristics
[1]
The overall Rth(j-a) can vary depending on the board layout. To minimize the effective Rth(j-a), all pins must have a solid connection to
larger Cu layer areas for example, to the power and ground layer. In multi-layer PCB applications, use the second layer to create a large
heat spreader area right below the device. If this layer is either ground or power, connect it with several vias to the top layer connected
to the device ground or supply. Try not to use any solder-stop varnish under the chip.
[2]
Rely on the measurement data given for a rough estimation of the Rth(j-a) in your application. The actual Rth(j-a) value may vary in
applications using different layer stacks and layouts
12. Static characteristics
Table 6.
Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VI
input voltage
0.9
3.6
V
Tamb
ambient temperature
40
+85
C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1][2] 84
K/W
Table 8.
Static characteristics
VI(VIN) = 0.9 V to 3.6 V, unless otherwise specified; Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +85 C Unit
Min
Typ
Max
Min
Max
VIH
HIGH-level
input voltage
EN input
VI(VIN) = 0.9 V to 1.1 V
-
-
-
0.8
-
V
VI(VIN) = 1.1 V to 1.3 V
-
-
-
1.0
-
V
VI(VIN) = 1.3 V to 1.8 V
-
-
-
1.1
-
V
VI(VIN) = 1.8 V to 3.6 V
-
-
-
1.1
-
V
VIL
LOW-level
input voltage
EN input
VI(VIN) = 0.9 V to 1.1 V
-
-
-
-
0.2
V
VI(VIN) = 1.1 V to 1.3 V
-
-
-
-
0.3
V
VI(VIN) = 1.3 V to 1.8 V
-
-
-
-
0.4
V
VI(VIN) = 1.8 V to 3.6 V
-
-
-
-
0.45
V
II
input leakage
current
VI(EN) =0V or3.6 V
-
0.1
-
-
1
A
IGND
ground current VI(EN) = 0 V or 3.6 V; VOUT open;
see Figure 5 and Figure 6
--
-
2-
A
IS(OFF)
OFF-state
leakage
current
VI(VIN) = 3.6 V; VI(EN) = GND;
VI(VOUT) = GND; see Figure 10
and Figure 11
-0.1
-
-
2.0
A
Rdch
discharge
resistance
VOUT output; VI(VIN) =3.3 V
-
120
-
-
-


Similar Part No. - NX3P1108_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P1108UK NXP-NX3P1108UK Datasheet
352Kb / 16P
   Logic controlled high-side power switch
Rev. 2 ??20 June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com