Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L2467 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NX3L2467
Description  Dual low-ohmic double-pole double-throw analog switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L2467 Datasheet(HTML) 1 Page - NXP Semiconductors

  NX3L2467_15 Datasheet HTML 1Page - NXP Semiconductors NX3L2467_15 Datasheet HTML 2Page - NXP Semiconductors NX3L2467_15 Datasheet HTML 3Page - NXP Semiconductors NX3L2467_15 Datasheet HTML 4Page - NXP Semiconductors NX3L2467_15 Datasheet HTML 5Page - NXP Semiconductors NX3L2467_15 Datasheet HTML 6Page - NXP Semiconductors NX3L2467_15 Datasheet HTML 7Page - NXP Semiconductors NX3L2467_15 Datasheet HTML 8Page - NXP Semiconductors NX3L2467_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The NX3L2467 is a dual low-ohmic double-pole double-throw analog switch suitable for
use as an analog or digital multiplexer/demultiplexer. It consists of four switches, each
with two independent input/outputs (nY0 and nY1) and a common input/output (nZ). The
two digital inputs (1S and 2S) are used to select the switch position. 1S is used in
selecting the independent inputs/outputs switched to 1Z and 2Z, and 2S is used in
selecting the independent inputs/outputs switched to 3Z and 4Z. Schmitt trigger action at
the digital inputs makes the circuit tolerant to slower input rise and fall times. Low
threshold digital inputs allows this device to be driven by 1.8 V logic levels in 3.3 V
applications without significant increase in supply current ICC. This makes it possible for
the NX3L467 to switch 4.3 V signals with a 1.8 V digital controller, eliminating the need for
logic level translation. The NX3L2467 allows signals with amplitude up to VCC to be
transmitted from nZ to nY0 or nY1; or from nY0 or nY1 to nZ. Its low ON resistance (0.5
)
and flatness (0.13
) ensures minimal attenuation and distortion of transmitted signals.
2.
Features and benefits
Wide supply voltage range from 1.4 V to 4.3 V
Very low ON resistance (peak):
1.7
 (typical) at V
CC =1.4 V
1.0
 (typical) at V
CC =1.65V
0.6
 (typical) at V
CC =2.3 V
0.5
 (typical) at V
CC =2.7 V
0.5
 (typical) at V
CC =4.3 V
Break-before-make switching
High noise immunity
ESD protection:
HBM JESD22-A114F Class 3A exceeds 4000 V
MM JESD22-A115-A exceeds 200 V
CDM AEC-Q100-011 revision B exceeds 1000 V
IEC61000-4-2 contact discharge exceeds 6000 V for switch ports
CMOS low-power consumption
Latch-up performance exceeds 100 mA per JESD 78B Class II Level A
1.8 V control logic at VCC = 3.6 V
Control input accepts voltages above supply voltage
Very low supply current, even when input is below VCC
High current handling capability (350 mA continuous current under 3.3 V supply)
Specified from
40 C to +85 C and from 40 C to +125 C
NX3L2467
Dual low-ohmic double-pole double-throw analog switch
Rev. 5 — 2 July 2012
Product data sheet


Similar Part No. - NX3L2467_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2467GU NXP-NX3L2467GU Datasheet
235Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 3-29 December 2010
NX3L2467HR NXP-NX3L2467HR Datasheet
235Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 3-29 December 2010
NX3L2467PW NXP-NX3L2467PW Datasheet
235Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 3-29 December 2010
More results

Similar Description - NX3L2467_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L2467 NXP-NX3L2467 Datasheet
235Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 3-29 December 2010
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 NXP-NX3L4684 Datasheet
592Kb / 24P
   Dual low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L2267 NXP-NX3L2267 Datasheet
189Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 4-8 November 2011
NX3L2267S NXP-NX3L2267S Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 PHILIPS-NX3L4684_15 Datasheet
349Kb / 24P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 8-3 April 2014
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com