Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6741IBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6741IBZ
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6741IBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6741IBZ Datasheet HTML 7Page - Intersil Corporation ISL6741IBZ Datasheet HTML 8Page - Intersil Corporation ISL6741IBZ Datasheet HTML 9Page - Intersil Corporation ISL6741IBZ Datasheet HTML 10Page - Intersil Corporation ISL6741IBZ Datasheet HTML 11Page - Intersil Corporation ISL6741IBZ Datasheet HTML 12Page - Intersil Corporation ISL6741IBZ Datasheet HTML 13Page - Intersil Corporation ISL6741IBZ Datasheet HTML 14Page - Intersil Corporation ISL6741IBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ISL6740, ISL6741
11
FN9111.6
December 2, 2011
The ISL6740, ISL6741 features a built-in soft-start. Soft-start is
implemented as a clamp on the error voltage input.
OTS - The non-inverting input to the over-temperature shutdown
comparator. The signal input at this pin is compared to an
internal threshold of VREF/2. If the voltage at this pin exceeds the
threshold, the Fault signal is asserted and the outputs are
disabled until the condition clears. There is a nominal 25
μA
switched current source used for hysteresis. The amount of
hysteresis is adjustable by varying the source impedance of the
signal into this pin.
OTS may be used to monitor parameters other than temperature,
such as voltage. Any signal for which a high out-of-bounds
monitor is desired may utilize the OTS comparator.
FAULT - The Fault signal is asserted high whenever the outputs,
OUTA and OUTB, are disabled. This occurs during an over-
temperature fault, an input UV fault, a VREF UV fault, or during an
overcurrent (ISL6740) or short circuit shutdown fault. Fault can
be used to disable synchronous rectifiers whenever the outputs
are disabled.
Fault is a three-state output and is high impedance during the
soft-start cycle. Adding a pull-up resistor to VREF or a pull-down
resistor to ground determines the state of Fault during soft-start.
This feature allows the designer to use the Fault signal to enable
or disable output synchronous rectifiers during soft-start.
UV - Undervoltage monitor input pin. A resistor divider between
the input source voltage and GND sets the undervoltage lock out
threshold. The signal is compared to an internal 1.00V reference
to detect an undervoltage or inhibit condition.
CS - This is the input to the current sense comparator(s). The IC
has the PWM comparator for peak current mode control
(ISL6741) and an overcurrent protection comparator. The
overcurrent comparator threshold is set at 0.600V nominal.
The CS pin is shorted to GND at the end of each switching cycle.
Depending on the current sensing source impedance, a series
input resistor may be required due to the delay between the
internal clock and the external power switch. This delay may
allow an overlap such that the CS signal may be discharged while
the current signal is still active. If the current sense source is low
impedance, it will cause increased power dissipation.
ISL6740 - Exceeding the overcurrent threshold will start a
delayed shutdown sequence. Once an overcurrent condition is
detected, the soft-start charge current source is disabled. The
soft-start capacitor begins discharging through a 25
μA current
source, and if it discharges to less than 4.25V (Sustained
Overcurrent Threshold), a shutdown condition occurs and the
OUTA and OUTB outputs are forced low. When the soft-start
voltage reaches 0.27V (Reset Threshold) a soft-start cycle begins.
An overcurrent condition must be absent for 50
μs before the
delayed shutdown control resets. If the overcurrent condition
ceases, and an additional 50
μs period elapses before the
shutdown threshold is reached, no shutdown occurs. The SS
charging current is re-enabled and the soft-start voltage is
allowed to recover.
ISL6741 - The ISL6741 current mode controller does not
shutdown due to an overcurrent condition. The pulse-by-pulse
current limit characteristic of peak current mode control limits
the output current to acceptable levels.
GND - Reference and power ground for all functions on this
device. Due to high peak currents and high frequency operation,
a low impedance layout is necessary. Ground planes and short
traces are highly recommended.
OUTA and OUTB - Alternate half cycle output stages. Each output
is capable of 0.5A peak currents for driving logic level power
MOSFETs or MOSFET drivers. Each output provides very low
impedance to overshoot and undershoot.
VREF - The 5.00V reference voltage output. +1%/-2% tolerance
over line, load and operating temperature. Bypass to GND with a
0.047
μF to 2.2μF ceramic capacitor. Capacitors outside of this
range may cause oscillation.
SS - Connect the soft-start timing capacitor between this pin and
GND to control the duration of soft-start. The value of the
capacitor determines the rate of increase of the duty cycle during
start up, controls the overcurrent shutdown delay (ISL6740), and
the overcurrent and short circuit hiccup restart period.
SCSET - Sets the duty cycle threshold that corresponds to a short
circuit condition. A resistive divider between RTC and GND or RTD
and GND, or a voltage between 0V and 2V may be used to adjust
the SCSET threshold. If using a resistor divider from either RTC or
RTD, the impedance to GND affects the oscillator timing and
should be considered when determining the oscillator timing
components. Connecting SCSET to GND disables short circuit
shutdown and hiccup.
Functional Description
Features
The ISL6740, ISL6741 PWMs are an excellent choice for low cost
bridge and push-pull topologies for applications requiring
accurate duty cycle and deadtime control. With its many
protection and control features, a highly flexible design with
minimal external components is possible. Among its many
features are current mode control (ISL6741), adjustable soft-
start, overcurrent protection, thermal protection, bidirectional
synchronization, fault indication, and adjustable frequency.
Oscillator
The ISL6740, ISL6741 have an oscillator with a programmable
frequency range to 2MHz, which can be programmed with two
resistors and capacitor. The use of three timing elements, RTC,
RTD, and CT allow great flexibility and precision when setting the
oscillator frequency.
The switching period may be considered the sum of the timing
capacitor charge and discharge durations. The charge duration is
determined by RTC and CT. The discharge duration is determined
by RTD and CT.
tC 0.5 RTC
CT
S
(EQ. 2)
tD 0.02 RTD
CT
S
(EQ. 3)
tSW
tC tD
+
1
FSW
-----------
==
S
(EQ. 4)


Similar Part No. - ISL6741IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6741IBZ INTERSIL-ISL6741IBZ Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6741IBZ INTERSIL-ISL6741IBZ Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6741IBZ INTERSIL-ISL6741IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
More results

Similar Description - ISL6741IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com