Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6740AIVZA Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6740AIVZA
Description  Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6740AIVZA Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6740AIVZA Datasheet HTML 4Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 5Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 6Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 7Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 8Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 9Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 10Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 11Page - Intersil Corporation ISL6740AIVZA Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ISL6740A
8
FN9195.3
February 9, 2012
Pin Descriptions
VDD - VDD is the power connection for the IC. To optimize noise
immunity, bypass VDD to GND with a ceramic capacitor as
close to the VDD and GND pins as possible.
The total supply current, IDD, will be dependent on the load
applied to outputs OUTA and OUTB. Total IDD current is the
sum of the quiescent current and the average output current.
Knowing the operating frequency, Fsw, and the output loading
capacitance charge, Q, per output, the average output current
can be calculated from:
SYNC - A bidirectional synchronization signal used to
coordinate the switching frequency of multiple units.
Synchronization may be achieved by connecting the SYNC
signal of each unit together or by using an external master
clock signal. The oscillator timing capacitor, CT, is always
required regardless of the synchronization method used. The
paralleled unit with the highest oscillator frequency assumes
control. Self-synchronization is not recommended for oscillator
frequencies above 900kHz. For higher switching frequencies,
an external clock with a pulse width less than one-half of the
oscillator period must be used.
RTC - This is the oscillator timing capacitor charge current
control pin. A resistor is connected between this pin and GND.
The current flowing through the resistor determines the
magnitude of the charge current. The charge current is
nominally twice this current. The PWM maximum ON time is
determined by the timing capacitor charge duration. The
voltage appearing on this pin is nominally 80% of the voltage
applied to the UV/FF pin.
RTD - This is the oscillator timing capacitor discharge current
control pin. A resistor is connected between this pin and GND.
The current flowing through the resistor determines the
magnitude of the discharge current. The discharge current is
nominally 50x this current. The PWM deadtime is determined
by the timing capacitor discharge duration. The voltage
appearing on this pin is nominally 80% of the voltage applied
to the UV/FF pin.
CT - The oscillator timing capacitor is connected between this
pin and GND.
Typical Performance Curves
FIGURE 1. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 2. OSCILLATOR CT DISCHARGE CURRENT GAIN
FIGURE 3. DEADTIME (DT) vs CAPACITANCE
FIGURE 4. CAPACITANCE vs FREQUENCY
1.001
1
0.999
0.998
0.997
-40
-25
-10
5
20
35
50
65
80
95
110
TEMPERATURE (°C)
65
60
55
50
45
40
0
50
100
150
200
250
300
350
400
450
500
RTD CURRENT (µA)
1•104
1•103
100
10
10
20
30
40
50
60
70
80
90
100
RTD (k
Ω)
470
330
220
100
CT (pF) =
680
1000
1•106
1•104
60
70
80
90
100
RTC (k
Ω)
10
20
30
40
50
680
1000
330
470
220
100
CT (pF) =
RTD = 10k
1•105
IOUT
2QFSW
=
A
(EQ. 1)


Similar Part No. - ISL6740AIVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740AIVZA INTERSIL-ISL6740AIVZA Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740AIVZA RENESAS-ISL6740AIVZA Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Intersil Corporation
ISL6740AIVZA-T INTERSIL-ISL6740AIVZA-T Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results

Similar Description - ISL6740AIVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
ON Semiconductor
CS51220 ONSEMI-CS51220 Datasheet
470Kb / 16P
   Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Intersil Corporation
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com