Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6731AFBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6731AFBZ
Description  Power Factor Correction Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6731AFBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6731AFBZ Datasheet HTML 4Page - Intersil Corporation ISL6731AFBZ Datasheet HTML 5Page - Intersil Corporation ISL6731AFBZ Datasheet HTML 6Page - Intersil Corporation ISL6731AFBZ Datasheet HTML 7Page - Intersil Corporation ISL6731AFBZ Datasheet HTML 8Page - Intersil Corporation ISL6731AFBZ Datasheet HTML 9Page - Intersil Corporation ISL6731AFBZ Datasheet HTML 10Page - Intersil Corporation ISL6731AFBZ Datasheet HTML 11Page - Intersil Corporation ISL6731AFBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL6731A, ISL6731B
8
FN8582.1
February 13, 2015
Submit Document Feedback
GATE DRIVER
Gate Drive Pull-Down Resistance
VCC = 15V, IGATE = 15mA
2.33
4.46
Ω
Gate Drive Pull-Up Voltage Drop
VCC = 9V, IGATE = 15mA
0.15
0.3
0.45
V
Gate Drive Max. Sourcing/Sinking
Current
1.5
A
Rise Time
CO = 2.2nF, VCC = 15V, gate voltage rise time from 10% to
90% of VGC
34
62
ns
Fall Time
CO = 2.2nF, VCC = 15V, gate voltage fall time from 10% to
90% of VGC
34
57
ns
Gate Clamp Voltage
VGC
10.5
12
13.5
V
VOLTAGE REFERENCE
Reference Voltage
VREF
2.48
2.5
2.52
V
Feedback Pin Pull-Down Current
IFB
65
nA
Rising Threshold to Enable Converter
FB_EN
280
300
320
mV
Falling Threshold to Disable Converter
FB_DIS
190
202
214
mV
Enable Hysteresis
FB_Hys
100
mV
VOLTAGE ERROR AMPLIFIER
Error Amp Transconductance
Gmv
50
77
104
µA/V
ISource/Sink
13
µA
COMP Offset Voltage
VCOMP_OFF
0.95
1.01
1.07
V
COMP Soft-Start Enable Voltage
VCOMP_EN
0.58
0.64
0.75
V
INPUT VOLTAGE SENSING
VIN Leakage Current
9nA
MULTIPLIER GAIN
GMUL
COMP = 2.5V, VIN = 1.0V, BO = 1.0V, ISEN = 50µA
0.196
0.25
0.296
V/V
CURRENT ERROR AMPLIFIER
Current DC Gain
AIDC
IICOMP/IISEN
1.6
1.9
2.2
A/A
Error Amp Transconductance
Gmi
IICOMP = ±20µA
205
268
331
µA/V
ICOMP Source/Sink Current (Note 7)
60
µA
Current Sensing Input Offset
-3
2
7
mV
LIGHT LOAD EFFICIENCY ENHANCEMENT AND OVERPOWER PROTECTION
Skip Current Reference (Note 7)ISKIP
VSKIP = 2V
-23
-20
-17
µA
Skip Falling Threshold
VSKIP_THf
450
498
550
mV
Skip Rasing Threshold
VSKIP_THr
570
616
690
mV
COMP Upper Limit
VCUL
3.53
3.85
4.17
V
COMP Valid Range
VCUL-1V
2.5
2.83
3.16
V
FB Exit Threshold Voltage
VFB_EXIT
Fraction of VREF, IISEN = 0µA
87
88
89
%
ISEN Exit Threshold Current
ISEN_EXIT
VFB = 2.5V
-38
-29
-20
µA
Electrical Specifications Operating Conditions: VCC = 15V, TA = +25°C. Boldface limits apply across the operating temperature range,
-40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNITS


Similar Part No. - ISL6731AFBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6731AFBZ RENESAS-ISL6731AFBZ Datasheet
919Kb / 20P
   Power Factor Correction Controllers
More results

Similar Description - ISL6731AFBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
   Power Factor Correction Controllers
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Intersil Corporation
ISL6730AFUZ INTERSIL-ISL6730AFUZ Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Renesas Technology Corp
ISL6731A RENESAS-ISL6731A Datasheet
919Kb / 20P
   Power Factor Correction Controllers
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com