Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6720AARZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6720AARZ
Description  100V Triple Linear Bias Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6720AARZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6720AARZ Datasheet HTML 3Page - Intersil Corporation ISL6720AARZ Datasheet HTML 4Page - Intersil Corporation ISL6720AARZ Datasheet HTML 5Page - Intersil Corporation ISL6720AARZ Datasheet HTML 6Page - Intersil Corporation ISL6720AARZ Datasheet HTML 7Page - Intersil Corporation ISL6720AARZ Datasheet HTML 8Page - Intersil Corporation ISL6720AARZ Datasheet HTML 9Page - Intersil Corporation ISL6720AARZ Datasheet HTML 10Page - Intersil Corporation ISL6720AARZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6487.1
August 23, 2007
VSW - This is the switched regulated low voltage output
supply derived from VIO. Bypass to GND with a 1.0
μF
capacitor. Its output is adjustable from 0V to 15.0V using an
appropriate divider from VCONT to VADJ and GND. VSW is
nominally 7 x VSWADJ. Protection circuitry prevents the
output from exceeding 23V in the event of a fault on
VSWADJ (short high). The minimum output current
capability is 50mA with transient capability to > 80mA. VSW
may be soft-started by placing a capacitor from VSWADJ to
GND.
ENABLE - The positive logic on/off control input that
controls the VSW output. A logic high enables VSW.
VSWCOMP - A 220pF compensating capacitor is placed
between VSWCOMP and VSW to stabilize the control loop.
This value may vary depending on the output load and
capacitance applied between VSW and GND.
VSWADJ - The feedback adjustment pin for VSW. A divider
from VCONT to GND sets the output voltage for VSW.
VSWADJ has a node discharge device that activates
momentarily at power-up, when disabled (ENABLE low), and
during power-down sequences. VSW is nominally
7 x VSWADJ.
Functional Description
Features
The control circuitry used in Telecom/Datacom DC/DC
converters often requires an operating bias voltage
significantly lower than the source voltage available to the
converter. Many applications use a discrete linear regulator
from the input source to create the bias supply. Often an
auxiliary winding from the power transformer is used to
supplement or replace the linear supply once the converter
is operating. The auxiliary winding bias voltage may require
regulation, as well, to minimize the voltage variation inherent
in unregulated transformer winding outputs. When
implemented discretely, this circuitry occupies significant
PWB area, a considerable problem in today’s high density
converters.
The ISL6720A triple linear regulator simplifies the start-up
and operating bias circuitry needed in Telecom and Datacom
DC/DC converters by integrating these functions, and more,
in a small 4mmx4mm DFN package.
VIO
VIO is the primary output of the ISL6720A, providing bias
voltage whenever the input source voltage, VPWR, is above
its under voltage lockout (UVLO) threshold. VIO, which is an
abbreviation for “voltage input/output”, is adjustable from
0.5V to 20V using the VADJ input, and may be back-biased
up to 40V from an external source independent of VPWR.
The back-bias voltage must be higher than the VIO setpoint
to disable the internal VIO regulator. The transition from
internal VIO to external VIO is not abrupt. As the back-bias
voltage increases above the VIO setpoint, the load current
on VIO gradually transfers from the VIO regulator to external
back-bias source. Depending on load, the back-bias voltage
may have to exceed the VIO setpoint by as much as 3V
before the VIO regulator is off.
The output voltage of VIO is set by applying a reference
voltage to VADJ. The reference voltage may be set by using
a resistor and zener diode combination from the VPWR
input. VIO ranges from 0.5V to 4.5V below the voltage
applied to VADJ depending on the load on VIO. VIO can
source more than 125mA for short durations, limited only by
the device power dissipation and the thermal constraints of
the application.
where VOFFSET ranges from 0.5V to 4.5V.
VIO may be soft-started using the VADJ input. By limiting the
rate of rise of VADJ, the risetime of VIO may be controlled.
Soft-start may be accomplished by placing a capacitor to
ground from VADJ. The capacitor to ground and the resistor
from VPWR determine the RC charging characteristic for the
voltage at VADJ. Since VADJ is pulled low at power-up and
power-down, soft-start always starts from a known state.
The soft-start rate cannot exceed the intrinsic risetime set by
the current limit threshold of the output. As load capacitance
increases, the intrinsic risetime increases. In general,
placing large capacitance values on VIO should be avoided,
particularly if the source voltage applied to VPWR is high.
Having a large load capacitance and high input voltage
results in high power dissipation for a longer duration and
may activate the over-temperature protection before VIO
can be biased externally. Under such conditions, steady
state operation would not be achievable.
If the auxiliary transformer winding used to back-bias VIO
requires a large value of capacitance, it can be isolated from
VIO using a diode as shown in Figure 6.
VIO
VADJ
V
OFFSET
=
V
(EQ. 1)
FIGURE 5. SETPOINT ADJUSTMENT FOR VIO
1
VADJ
VPWR
ENABLE
VSW
VIO
2
7
9
10
11
3
4
8
VCONT
VSWCOMP
GND
VSWADJ
56
VCOMP
N/C
VIN
ISL6720A


Similar Part No. - ISL6720AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
logo
Renesas Technology Corp
ISL6720AARZ RENESAS-ISL6720AARZ Datasheet
564Kb / 11P
   100V Triple Linear Bias Supply
More results

Similar Description - ISL6720AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720A INTERSIL-ISL6720A Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
logo
Renesas Technology Corp
ISL6720A RENESAS-ISL6720A Datasheet
564Kb / 11P
   100V Triple Linear Bias Supply
ISL6719 RENESAS-ISL6719 Datasheet
492Kb / 9P
   100V Linear Bias Supply
logo
Intersil Corporation
ISL6719 INTERSIL-ISL6719 Datasheet
177Kb / 9P
   100V Linear Bias Supply
ISL6719ARZ INTERSIL-ISL6719ARZ Datasheet
304Kb / 9P
   100V Linear Bias Supply
July 15, 2014
logo
Texas Instruments
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
[Old version datasheet]   LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
logo
Maxim Integrated Produc...
MAX1916 MAXIM-MAX1916 Datasheet
211Kb / 7P
   Low-Dropout, Constant-Current Triple White LED Bias Supply
logo
Monolithic Power System...
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
   Triple Output Step-Up Plus Linear Regulators for TFT Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com