Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6615AIBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6615AIBZ
Description  High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6615AIBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6615AIBZ Datasheet HTML 1Page - Intersil Corporation ISL6615AIBZ Datasheet HTML 2Page - Intersil Corporation ISL6615AIBZ Datasheet HTML 3Page - Intersil Corporation ISL6615AIBZ Datasheet HTML 4Page - Intersil Corporation ISL6615AIBZ Datasheet HTML 5Page - Intersil Corporation ISL6615AIBZ Datasheet HTML 6Page - Intersil Corporation ISL6615AIBZ Datasheet HTML 7Page - Intersil Corporation ISL6615AIBZ Datasheet HTML 8Page - Intersil Corporation ISL6615AIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
High-Frequency 6A Sink Synchronous MOSFET Drivers
with Protection Features
ISL6615A
The ISL6615A is a high-speed MOSFET driver optimized to drive
upper and lower power N-Channel MOSFETs in a synchronous
rectified buck converter topology. This driver, combined with an
Intersil Digital or Analog multiphase PWM controller, forms a
complete high frequency and high efficiency voltage regulator.
The ISL6615A drives both upper and lower gates over a range of
4.5V to 13.2V. This drive-voltage provides the flexibility necessary
to optimize applications involving trade-offs between gate charge
and conduction losses.
The ISL6615A features 6A typical sink current for the low-side
gate driver, enhancing the lower MOSFET gate hold-down
capability during PHASE node rising edge, preventing power loss
caused by the self turn-on of the lower MOSFET due to the high
dV/dt of the switching node.
An advanced adaptive zero shoot-through protection is integrated
to prevent both the upper and lower MOSFETs from conducting
simultaneously and to minimize the dead-time. The ISL6615A
includes an overvoltage protection feature operational before
VCC exceeds its turn-on threshold, at which the PHASE node is
connected to the gate of the low side MOSFET (LGATE). The
output voltage of the converter is then limited by the threshold of
the low side MOSFET, which provides some protection to the load
if the upper MOSFET(s) is shorted.
The ISL6615A also features an input that recognizes a
high-impedance state, working together with Intersil multiphase
PWM controllers to prevent negative transients on the controlled
output voltage when operation is suspended. This feature
eliminates the need for the Schottky diode that may be utilized in
a power system to protect the load from negative output voltage
damage.
Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Advanced Adaptive Zero Shoot-Through Protection
-Body Diode Detection
-LGATE Detection
- Auto-zero of rDS(ON) Conduction Offset Effect
• Adjustable Gate Voltage for Optimal Efficiency
• 36V Internal Bootstrap Schottky Diode
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency (up to 1MHz)
- 6A LGATE Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• Support 5V PWM Input Logic
• Tri-State PWM Input for Safe Output Stage Shutdown
• Tri-State PWM Input Hysteresis for Applications with Power
Sequencing Requirement
• Pre-POR Overvoltage Protection
• VCC Undervoltage Protection
• Expandable Bottom Copper PAD for Better Heat Spreading
• Dual Flat No-Lead (DFN) Package
- Near Chip-Scale Package Footprint; Improves PCB Efficiency
and Thinner in Profile
• Pb-free (RoHS compliant)
Applications
• Optimized for POL DC/DC Converters for IBA Systems
• Core Regulators for Intel® and AMD® Microprocessors
• High Current Low-Profile DC/DC Converters
• High Frequency and High Efficiency VRM and VRD
• Synchronous Rectification for Isolated Power Supplies
Related Literature
•Technical Brief TB363 “Guidelines for Handling and Processing
Moisture Sensitive Surface Mount Devices (SMDs)”
•Technical Brief TB389 “PCB Land Pattern Design and Surface
Mount Guidelines for QFN Packages”
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2010, 2012. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
April 13, 2012
FN6608.2


Similar Part No. - ISL6615AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6615AIBZ INTERSIL-ISL6615AIBZ Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615AIBZ RENESAS-ISL6615AIBZ Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results

Similar Description - ISL6615AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6615 INTERSIL-ISL6615 Datasheet
233Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com