Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6612CBZ-T(Notes1,2) Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6612CBZ-T(Notes1,2)
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6612CBZ-T(Notes1,2) Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6612CBZ-T(Notes1,2) Datasheet HTML 4Page - Intersil Corporation ISL6612CBZ-T(Notes1,2) Datasheet HTML 5Page - Intersil Corporation ISL6612CBZ-T(Notes1,2) Datasheet HTML 6Page - Intersil Corporation ISL6612CBZ-T(Notes1,2) Datasheet HTML 7Page - Intersil Corporation ISL6612CBZ-T(Notes1,2) Datasheet HTML 8Page - Intersil Corporation ISL6612CBZ-T(Notes1,2) Datasheet HTML 9Page - Intersil Corporation ISL6612CBZ-T(Notes1,2) Datasheet HTML 10Page - Intersil Corporation ISL6612CBZ-T(Notes1,2) Datasheet HTML 11Page - Intersil Corporation ISL6612CBZ-T(Notes1,2) Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN9153.9
June 15, 2010
This feature helps prevent a negative transient on the output
voltage when the output is shut down, eliminating the
Schottky diode that is used in some systems for protecting
the load from reversed output voltage events.
In addition, more than 400mV hysteresis also incorporates
into the three-state shutdown window to eliminate PWM
input oscillations due to the capacitive load seen by the
PWM input through the body diode of the controller’s PWM
output when the power-up and/or power-down sequence of
bias supplies of the driver and PWM controller are required.
Power-On Reset (POR) Function
During initial startup, the VCC voltage rise is monitored.
Once the rising VCC voltage exceeds 9.8V (typically),
operation of the driver is enabled and the PWM input signal
takes control of the gate drives. If VCC drops below the
falling threshold of 7.6V (typically), operation of the driver is
disabled.
Pre-POR Overvoltage Protection
Prior to VCC exceeding its POR level, the upper gate is held
low and the lower gate is controlled by the overvoltage
protection circuits during initial startup. The PHASE is
connected to the gate of the low side MOSFET (LGATE),
which provides some protection to the microprocessor if the
upper MOSFET(s) is shorted during initial startup. For
complete protection, the low side MOSFET should have a
gate threshold well below the maximum voltage rating of the
load/microprocessor.
When VCC drops below its POR level, both gates pull low
and the Pre-POR overvoltage protection circuits are not
activated until VCC resets.
Internal Bootstrap Device
Both drivers feature an internal bootstrap schottky diode.
Simply adding an external capacitor across the BOOT and
PHASE pins completes the bootstrap circuit. The bootstrap
function is also designed to prevent the bootstrap capacitor
from overcharging due to the large negative swing at the
trailing-edge of the PHASE node. This reduces voltage
stress on the boot to phase pins.
The bootstrap capacitor must have a maximum voltage
rating above UVCC + 5V and its capacitance value can be
chosen from Equation 1:
where QG1 is the amount of gate charge per upper MOSFET
at VGS1 gate-source voltage and NQ1 is the number of
control MOSFETs. The
ΔVBOOT_CAP term is defined as the
allowable droop in the rail of the upper gate drive.
As an example, suppose two IRLR7821 FETs are chosen as
the upper MOSFETs. The gate charge, QG, from the data
sheet is 10nC at 4.5V (VGS) gate-source voltage. Then the
QGATE is calculated to be 53nC for UVCC (i.e. PVCC in
ISL6613, VCC in ISL6612) = 12V. We will assume a 200mV
droop in drive voltage over the PWM cycle. We find that a
bootstrap capacitance of at least 0.267µF is required.
Gate Drive Voltage Versatility
The ISL6612 and ISL6613 provide the user flexibility in
choosing the gate drive voltage for efficiency optimization.
The ISL6612 upper gate drive is fixed to VCC [+12V], but the
lower drive rail can range from 12V down to 5V depending
on what voltage is applied to PVCC. The ISL6613 ties the
upper and lower drive rails together. Simply applying a
voltage from 5V up to 12V on PVCC sets both gate drive rail
voltages simultaneously.
Over-Temperature Protection (OTP)
When the junction temperature of the IC exceeds +150°C
(typically), both upper and lower gates turn off. The driver
stays off and does not return to normal operation until its
junction temperature comes down below +108°C (typically).
For high frequency applications, applying a lower voltage to
PVCC helps reduce the power dissipation and lower the
junction temperature of the IC. This method reduces the risk
of tripping OTP.
Power Dissipation
Package power dissipation is mainly a function of the
switching frequency (fSW), the output drive impedance, the
external gate resistance, and the selected MOSFET’s internal
gate resistance and total gate charge. Calculating the power
dissipation in the driver for a desired application is critical to
ensure safe operation. Exceeding the maximum allowable
power dissipation level will push the IC beyond the maximum
recommended operating junction temperature of +125°C. The
maximum allowable IC power dissipation for the SO8 package
CBOOT_CAP
QGATE
ΔV
BOOT_CAP
--------------------------------------
QGATE
QG1 UVCC
VGS1
------------------------------------
NQ1
=
(EQ. 1)
50nC
20nC
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
ΔVBOOT_CAP (V)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
ISL6612, ISL6613


Similar Part No. - ISL6612CBZ-T(Notes1,2)

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612CBZ-T INTERSIL-ISL6612CBZ-T Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612CBZ-T RENESAS-ISL6612CBZ-T Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6612CBZ-T(Notes1,2)

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com