Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6610CRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6610CRZ
Description  Dual Synchronous Rectified MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6610CRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6610CRZ Datasheet HTML 1Page - Intersil Corporation ISL6610CRZ Datasheet HTML 2Page - Intersil Corporation ISL6610CRZ Datasheet HTML 3Page - Intersil Corporation ISL6610CRZ Datasheet HTML 4Page - Intersil Corporation ISL6610CRZ Datasheet HTML 5Page - Intersil Corporation ISL6610CRZ Datasheet HTML 6Page - Intersil Corporation ISL6610CRZ Datasheet HTML 7Page - Intersil Corporation ISL6610CRZ Datasheet HTML 8Page - Intersil Corporation ISL6610CRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6395.0
November 22, 2006
Pinouts
ISL6610, ISL6610A
(14 LD SOIC)
TOP VIEW
ISL6610, ISL6610A
(16 LD QFN)
TOP VIEW
Block Diagram
ISL6610, ISL6610A
PWM1
PWM2
GND
LGATE1
1
2
3
4
14
13
12
PHASE1
UGATE1
BOOT1
PVCC
1
2
10
9
8
7
6
5
BOOT2
UGATE2
PHASE2
VCC
PGND
LGATE2
11
1
3
4
15
GND
LGATE1
PVCC
PGND
16
14
13
2
12
10
9
11
6
57
8
UGATE1
BOOT1
BOOT2
UGATE2
GND
17
FOR ISL6610CR/10ACR, THE PAD ON THE BOTTOM SIDE OF
THE QFN PACKAGE MUST BE SOLDERED TO THE CIRCUIT’S GROUND.
VCC
PWM1
4.9K
4.6K
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT1
UGATE1
PHASE1
LGATE1
PGND
PWM2
4.9K
4.6K
SHOOT-
THROUGH
PROTECTION
BOOT2
UGATE2
PHASE2
LGATE2
VCC
GND
PVCC
PVCC
PGND
PGND
PAD
CHANNEL 1
CHANNEL 2
PVCC
PVCC
RBOOT
INTEGRATED 3
Ω RESISTOR (RBOOT) AVAILABLE ONLY IN ISL6610A
RBOOT
ISL6610, ISL6610A


Similar Part No. - ISL6610CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6610CRZ INTERSIL-ISL6610CRZ Datasheet
276Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6610CRZ RENESAS-ISL6610CRZ Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results

Similar Description - ISL6610CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Intersil Corporation
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com