Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6610CRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6610CRZ
Description  Dual Synchronous Rectified MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6610CRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6610CRZ Datasheet HTML 3Page - Intersil Corporation ISL6610CRZ Datasheet HTML 4Page - Intersil Corporation ISL6610CRZ Datasheet HTML 5Page - Intersil Corporation ISL6610CRZ Datasheet HTML 6Page - Intersil Corporation ISL6610CRZ Datasheet HTML 7Page - Intersil Corporation ISL6610CRZ Datasheet HTML 8Page - Intersil Corporation ISL6610CRZ Datasheet HTML 9Page - Intersil Corporation ISL6610CRZ Datasheet HTML 10Page - Intersil Corporation ISL6610CRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6395.0
November 22, 2006
ISL6610, ISL6610A
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
α
M14.15 (JEDEC MS-012-AB ISSUE C)
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.3367
0.3444
8.55
8.75
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N14
14
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - ISL6610CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6610CRZ INTERSIL-ISL6610CRZ Datasheet
276Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6610CRZ RENESAS-ISL6610CRZ Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results

Similar Description - ISL6610CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Intersil Corporation
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com