Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6605IBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6605IBZ
Description  Synchronous Rectified MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6605IBZ Datasheet(HTML) 9 Page - Intersil Corporation

  ISL6605IBZ Datasheet HTML 1Page - Intersil Corporation ISL6605IBZ Datasheet HTML 2Page - Intersil Corporation ISL6605IBZ Datasheet HTML 3Page - Intersil Corporation ISL6605IBZ Datasheet HTML 4Page - Intersil Corporation ISL6605IBZ Datasheet HTML 5Page - Intersil Corporation ISL6605IBZ Datasheet HTML 6Page - Intersil Corporation ISL6605IBZ Datasheet HTML 7Page - Intersil Corporation ISL6605IBZ Datasheet HTML 8Page - Intersil Corporation ISL6605IBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN9091.7
May 9, 2006
ISL6605
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
α
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
-
Rev. 1 6/05


Similar Part No. - ISL6605IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605IBZ INTERSIL-ISL6605IBZ Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605IBZ INTERSIL-ISL6605IBZ Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605IBZ RENESAS-ISL6605IBZ Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6605IBZA INTERSIL-ISL6605IBZA Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605IBZA INTERSIL-ISL6605IBZA Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
More results

Similar Description - ISL6605IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com