Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB411 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RB411
Description  20 to 40 Volts 0.5 Amp Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB411 Datasheet(HTML) 1 Page - Micro Commercial Components

  RB411 Datasheet HTML 1Page - Micro Commercial Components RB411 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THRU
SOT-346
Suggested Solder
Pad Layout
Features
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.106
.122
2.70
3.10
B
.051
.067
1.30
1.70
C
.039
.051
1.00
1.30
D
.014
.020
0.35
0.50
G
.067
.091
1.70
2.30
H
.000
.004
0.00
0.10
J
.004
.010
0.10
0.26
K
.008
.024
0.20
0.60
L
.049
.065
1.25
1.65
S
.089
.118
2.25
3.00
Maximum Ratings
.094
2.400
inches
mm
.031
.800
.039
1.000
.037
.950
.037
.950
www.mccsemi.com
Mechanical Data
Case :SOT-346,Molded Plastic
Terminals :Solderable per MIL-STD-202,Method 208
Polarity :See Diagrams Below
Weight :0.008 grams (approx)
Mountion Position :Any
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5A
TA =
90°C
Peak Forward Surge
Current
IFSM
3A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
100µΑ
4.0mA
TJ = 25
°C
TJ = 100
°C
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
VF
0.45V
0.53V
RB411D
RB400D
Operating Temperature: -25
°C to +125°C
Storage Temperature: -50
°C to +125°C
20 to 40 Volts
2.5-3.0
0.098-0.118
RB400D
RB411D
          

S
G
D
B
L
A
1
3
2
H
C
J
K
IFM = 0.5A
TJ = 25
°C
2
ANODE
3
CATHODE
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RB411 D
05T
20V
14V
20V
RB400 D
05F
40V
28V
40V
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring for Transient and ESD Protection
DIMENSIONS
0.5 AmpSurface Mount
Schottky Barrier Diode
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - RB411

ManufacturerPart #DatasheetDescription
logo
Rohm
RB411 ROHM-RB411 Datasheet
55Kb / 2P
   Schottky barrier diode
logo
Shanghai Sunrise Electr...
RB411 SSE-RB411 Datasheet
636Kb / 1P
   500mA Schottky Brrier Diode
logo
Stanson Technology
RB411 STANSON-RB411 Datasheet
65Kb / 1P
   Schottky Barrier Diode
logo
Rohm
RB411D ROHM-RB411D Datasheet
341Kb / 7P
   Schottky Barrier Diode
RB411D ROHM-RB411D Datasheet
55Kb / 2P
   Schottky barrier diode
More results

Similar Description - RB411

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC400 MCC-MC400 Datasheet
92Kb / 2P
   20 to 40 Volts 0.5 Amp Surface Mount Schottky Barrier Diode
MC551-30 MCC-MC551-30 Datasheet
417Kb / 2P
   30 Volts 0.5 Amp Surface Mount Schottky Barrier Diode
MBR0520L MCC-MBR0520L Datasheet
275Kb / 3P
   0.5 Amp Schottky Rectifier 20 to 40 Volts
RB490D MCC-RB490D Datasheet
158Kb / 2P
   20 to 40 Volts 1Amp Surface Mount Schottky Barrier Diode
RB420D MCC-RB420D Datasheet
135Kb / 2P
   40 Volts 0.1 Amp Surface Mount Schottky Barrier Diode
RB421D MCC-RB421D Datasheet
152Kb / 2P
   40 Volts 0.1 Amp Surface Mount Schottky Barrier Diode
MC420 MCC-MC420 Datasheet
91Kb / 2P
   40 Volts 0.1 Amp Surface Mount Schottky Barrier Diode
logo
Solid States Devices, I...
SPD2520 SSDI-SPD2520 Datasheet
167Kb / 2P
   0.5 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
RB400D MCC-RB400D_06 Datasheet
864Kb / 3P
   0.5 Amp Schottky Barrier Rectifier 40 Volts
RB400DS MCC-RB400DS Datasheet
167Kb / 2P
   0.5 Amp Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com