Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0638194900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0638194900
Description  Hand Crimp Tool for Bulb Socket Contact Terminal for 0.50 to 0.85mm AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638194900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0638194900 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0638194900
Status:
Active
Description:
Hand Crimp Tool for Bulb Socket Contact Terminal for 0.50 to 0.85mm² AWG
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above. Type: 2C
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
883906429805
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-6381949HM, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
35438 PT Bulb Socket
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0638194900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638194900 MOLEX-0638194900 Datasheet
35Kb / 1P
   Hand Crimp Tool for Bulb Socket Contact Terminal for 0.50 to 0.85mm짼 AWG
11/02/2021
More results

Similar Description - 0638194900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638194900 MOLEX-0638194900 Datasheet
35Kb / 1P
   Hand Crimp Tool for Bulb Socket Contact Terminal for 0.50 to 0.85mm짼 AWG
11/02/2021
0638197900 MOLEX-0638197900 Datasheet
34Kb / 1P
   Hand Crimp Tool for Bulb Socket Earth Terminal for 0.50 to 0.85mm짼 AWG
11/02/2021
63819-5300 MOLEX11-63819-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Bulb Socket Wedge Terminal for 0.50 to 0.85mm wire used with Wire Seal
63819-3800 MOLEX11-63819-3800 Datasheet
37Kb / 1P
   Hand Crimp Tool for CTX64 Receptacle Terminal, 0.50, 0.75, 0.85mm and 20 AWG
0638195000 MOLEX-0638195000 Datasheet
35Kb / 1P
   Hand Crimp Tool for Bulb Socket Positive Terminal
11/02/2021
63819-5000 MOLEX11-63819-5000 Datasheet
38Kb / 1P
   Hand Crimp Tool for Bulb Socket Positive Terminal
0638278800 MOLEX11-0638278800 Datasheet
61Kb / 1P
   Hand Crimp Tool for S8 and T20 Single Contact Bulb Socket Terminal
0638195300 MOLEX-0638195300 Datasheet
34Kb / 1P
   Hand Crimp Tool for Bulb Socket Wedge Terminal for 0.50 to 0.85mm짼 wire used with Wire Seal
11/02/2021
0638133600 MOLEX11-0638133600 Datasheet
28Kb / 1P
   Extractor Tool for Crimp Terminals for PT Bulb Socket 0.5-0.85mm
0638195100 MOLEX-0638195100 Datasheet
35Kb / 1P
   Hand Crimp Tool for Bulb Socket Terminals
11/02/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com