Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6422BEVEZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6422BEVEZ
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6422BEVEZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6422BEVEZ Datasheet HTML 1Page - Intersil Corporation ISL6422BEVEZ Datasheet HTML 2Page - Intersil Corporation ISL6422BEVEZ Datasheet HTML 3Page - Intersil Corporation ISL6422BEVEZ Datasheet HTML 4Page - Intersil Corporation ISL6422BEVEZ Datasheet HTML 5Page - Intersil Corporation ISL6422BEVEZ Datasheet HTML 6Page - Intersil Corporation ISL6422BEVEZ Datasheet HTML 7Page - Intersil Corporation ISL6422BEVEZ Datasheet HTML 8Page - Intersil Corporation ISL6422BEVEZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6486.2
September 8, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0V to 18.0V
Logic Input Voltage Range
(SDA, SCL, ADDR0/1, CS1/2, EXTM1/2,
SELVTOP1/, TCAP1/2, TDIN1/2, TXT1/2) . . . . . . . . . -0.5V to 7V
Thermal Resistance (Typical, Notes 2, 3)
JA (°C/W) JC (°C/W)
EPTSSOP Package . . . . . . . . . . . . . . .
29
4
QFN Package. . . . . . . . . . . . . . . . . . . .
34
6
Maximum Junction Temperature (Note 4) . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -40°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -20°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
2.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
JC, the "case temp" location is the center of the exposed metal pad on the package underside.
4. The device junction temperature should be kept below +150°C. Thermal shut-down circuitry turns off the device if junction temperature exceeds
+150°C typically.
Electrical Specifications
VCC = 12V, TA = -20°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. EN1/2 = H,
VTOP1/2 = L, VBOT1/2 = L, ENT1/2 = L, DCL = L, MSEL1/2 = L, IOUT = 12mA, unless otherwise noted. See
software description section for I2C access to the system.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
812
14
V
Standby Supply Current
EN1 = EN2 = L
-
1.5
3.0
mA
Supply Current
IIN
EN1 = EN2 = VTOP1 = VTOP2 = VBOT1 =
VBOT2 = ENT1 = ENT2 = H, No Load
-4.0
8.0
mA
UNDERVOLTAGE LOCKOUT
Start Threshold
7.50
-
7.97
V
Stop Threshold
7.00
-
7.55
V
Start to Stop Hysteresis
350
400
500
mV
SOFT-START
COMP Rise Time (Note 5)
(Note 5)
-
8196
-
Cycles
Output Voltage (Note 5)
VO1
(Refer to Table 11)
13.04
13.30
13.56
V
VO1
(Refer to Table 11)
14.02
14.30
14.58
V
VO1
(Refer to Table 11)
17.94
18.30
18.66
V
VO1
(Refer to Table 11)
19.00
19.30
19.68
V
VO2
(Refer to Table 15)
13.04
13.30
13.56
V
VO2
(Refer to Table 15)
14.02
14.30
14.58
V
VO2
(Refer to Table 15)
17.94
18.30
18.66
V
VO2
(Refer to Table 15)
19.00
19.30
19.68
V
Line Regulation
DVO1,
DVO2
VIN = 8V to 14V; VO1, VO2 = 13V
-
4.0
40.0
mV
VIN = 8V to 14V; VO1, VO2 = 18V
-
4.0
60.0
mV
Load Regulation
DVO1,
DVO2
IO = 12mA to 350mA
-
50
80
mV
IO = 12mA to 750mA (Note 6)
-
100
200
mV
ISL6422B


Similar Part No. - ISL6422BEVEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422BEVEZ INTERSIL-ISL6422BEVEZ Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422BEVEZ RENESAS-ISL6422BEVEZ Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results

Similar Description - ISL6422BEVEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 INTERSIL-ISL6424 Datasheet
374Kb / 12P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Renesas Technology Corp
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6405 INTERSIL-ISL6405 Datasheet
233Kb / 13P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6422 RENESAS-ISL6422 Datasheet
843Kb / 20P
   Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com