Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA254 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RA254
Description  25.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RA254 Datasheet(HTML) 1 Page - Micro Commercial Components

  RA254 Datasheet HTML 1Page - Micro Commercial Components RA254 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RA
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.380
.410
9.70 10.40
B
.165
.185
4.19
4.70
C
.215
.225
5.50
5.70
D
.235
.250
6.00
6.40
E
-----
5
o
-----
5
o
NOM
Features
l
Plastic Material Used Carriers Underwrites Laboratory
Classification 94V-O
l
Low Cost Construction Utilizing Void-free Molded Plastic
Technique
l
High Surge Capability
l
Diffused Junction
Maximum Ratings
l
Operating & Storage Temperature: -50
oC to +175oC
l
For Capacitive Load, Derate Current by 20%
RA251
50V
35V
50V
RA252
100V
70V
100V
RA253
200V
140V
200V
RA254
400V
280V
400V
RA255
600V
420V
600V
RA256
800V
560V
800V
RA257
1000V
700V
1000V
MCC Part
Number
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
25.0A
TC=150
o C
Peak Forward Surge
Current
IFSM
400A
8.3ms half
sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM=25.0A
TA=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
TC=25
o C
Typical Reverse
Recovery Times
trr
3.0us
IF=0.5A,
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
C j
300pF
Measured at
1.0MHz,
V R=4.0V
RA251
THRU
RA257
25.0 Amp High
Current Plastic Silicon
Rectifier
50 to 1000 Volts
A
B
C
D
E
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - RA254

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA254 ETC-RA254 Datasheet
29Kb / 2P
   Silicon Rectifier Button-Cells
logo
Diotec Semiconductor
RA254 DIOTEC-RA254 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
Micro Commercial Compon...
RA254 MCC-RA254 Datasheet
109Kb / 3P
   25 Amp Standard Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
RA254 WINNERJOIN-RA254 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA254 DIOTEC-RA254 Datasheet
231Kb / 2P
   Silicon-Rectifiers
More results

Similar Description - RA254

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA501 MCC-RA501 Datasheet
101Kb / 2P
   50.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts
RA251GP MCC-RA251GP_08 Datasheet
109Kb / 3P
   25.0 Amp Glass passivated Rectifier 50 to 1000 Volts
RA251GP MCC-RA251GP Datasheet
121Kb / 2P
   25.0 Amp Glass passivated Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
1A1-DO41 YFWDIODE-1A1-DO41 Datasheet
393Kb / 2P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
1A1 YFWDIODE-1A1 Datasheet
92Kb / 2P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
1A1 MCC-1A1 Datasheet
94Kb / 2P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
1A1 MCC-1A1_13 Datasheet
504Kb / 3P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
1A1 MCC-1A1_11 Datasheet
443Kb / 3P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
KBPC25005 DAESAN-KBPC25005 Datasheet
231Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
AR2505 DAESAN-AR2505 Datasheet
269Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 TO 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com