Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6674 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C6674
Description  Multicore Fixed and Floating-Point Digital Signal Processor
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6674 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C6674_15 Datasheet HTML 1Page - Texas Instruments TMS320C6674_15 Datasheet HTML 2Page - Texas Instruments TMS320C6674_15 Datasheet HTML 3Page - Texas Instruments TMS320C6674_15 Datasheet HTML 4Page - Texas Instruments TMS320C6674_15 Datasheet HTML 5Page - Texas Instruments TMS320C6674_15 Datasheet HTML 6Page - Texas Instruments TMS320C6674_15 Datasheet HTML 7Page - Texas Instruments TMS320C6674_15 Datasheet HTML 8Page - Texas Instruments TMS320C6674_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 238 page
background image
Multicore Fixed and Floating-Point Digital Signal Processor
Copyright 2014 Texas Instruments Incorporated
TMS320C6674 Features and Description
3
SPRS692E—March 2014
TMS320C6674
Submit Documentation Feedback
For fixed-point use, the C66x core has 4× the multiply accumulate (MAC) capability of C64x+ cores. In addition,
the C66x core integrates floating point capability and the per-core raw computational performance in an
industry-leading 40 GMACS/core and 20 GFLOPS/core (@1.25 GHz operating frequency). It can execute 8
single-precision floating point MAC operations per cycle and can perform double- and mixed-precision operations,
and is IEEE754 compliant. The C66x core incorporates 90 new instructions (compared to the C64x+ core) targeted
for floating point and vector math oriented processing. These enhancements yield sizeable performance
improvements in popular DSP kernels used in signal processing, mathematical, and image acquisition functions.
The C66x core is backwards code-compatible with TI's previous generation C6000 fixed and floating point DSP
cores, ensuring software portability and shortened software development cycles for applications migrating to faster
hardware.
The C6674 DSP integrates a large amount of on-chip memory. In addition to 32KB of L1 program and data cache,
there is 512KB of dedicated memory per core that can be configured as mapped RAM or cache. The device also
integrates 4096KB of Multicore Shared Memory that can be used as a shared L2 SRAM and/or shared L3 SRAM. All
L2 memories incorporate error detection and error correction. For fast access to external memory, this device
includes a 64-bit DDR-3 external memory interface (EMIF) running at 1600 MHz and has ECC DRAM support.
This family supports a plethora of high speed standard interfaces including RapidIO ver 2, PCI Express Gen2, and
Gigabit Ethernet, as well as an integrated Ethernet switch. It also includes I
2C, UART, Telecom Serial Interface Port
(TSIP), and a 16-bit EMIF, along with general purpose CMOS IO. For high throughput, low latency communication
between devices or with an FPGA, this device also sports a 50-Gbaud full-duplex interface called HyperLink. Adding
to the network awareness of this device is a network co-processor that includes both packet and optional security
acceleration. The packet accelerator can process up to 1.5 M packets/s and enables a single IP address to be used for
the entire multicore C6674 device. It also provides L2 to L4 classification, along with checksum and QoS capabilities.
The C6674 device has a complete set of development tools, which includes: an enhanced C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows® debugger interface for visibility into source
code execution.


Similar Part No. - TMS320C6674_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6674_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI-TMS320C6672_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com