Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320C6701-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C6701-EP
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320C6701-EP Datasheet(HTML) 3 Page - Texas Instruments

  SM320C6701-EP Datasheet HTML 1Page - Texas Instruments SM320C6701-EP Datasheet HTML 2Page - Texas Instruments SM320C6701-EP Datasheet HTML 3Page - Texas Instruments SM320C6701-EP Datasheet HTML 4Page - Texas Instruments SM320C6701-EP Datasheet HTML 5Page - Texas Instruments SM320C6701-EP Datasheet HTML 6Page - Texas Instruments SM320C6701-EP Datasheet HTML 7Page - Texas Instruments SM320C6701-EP Datasheet HTML 8Page - Texas Instruments SM320C6701-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
SMJ320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SGUS060A − DECEMBER 2007 − REVISED JULY 2009
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
device characteristics
Table 1 provides an overview of the ’C6701 DSP. The table shows significant features of each device, including
the capacity of on-chip RAM, the peripherals, the execution time, and the package type with pin count.
Table 1. Characteristics of the ’C6701 Processors
CHARACTERISTICS
DESCRIPTION
Device Number
SMJ320C6701
On-Chip Memory
512-Kbit Program Memory
512-Kbit Data Memory (organized as 2 blocks)
Peripherals
2 Mutichannel Buffered Serial Ports (McBSP)
2 General-Purpose Timers
Host-Port Interface (HPI)
External Memory Interface (EMIF)
Cycle Time
7 ns at 140 MHz, and 6 ns at 167 MHz
Package Type
27 mm
× 27 mm, 429−Pin BGA/LGA (GLP/ZMB)
Nominal Voltage
1.9 V Core
3.3 V I/O
functional and CPU block diagram
Control
Logic
Test
’C67x CPU
Data Path B
B Register File
Program
Access/Cache
Controller
Instruction Fetch
Instruction Dispatch
Instruction Decode
Data Path A
A Register File
Data
Access
Controller
Power-
Down
Logic
.L1† .S1† .M1† .D1
.D2 .M2† .S2† .L2†
32
ROM/FLASH
SRAM
I/O Devices
16
Timer 0
Timer 1
External Memory
Interface (EMIF)
Multichannel
Buffered Serial
Port 0
Multichannel
Buffered Serial
Port 1
Direct Memory
Access Controller
(DMA)
(4 Channels)
Host Port
Interface
(HPI)
Internal Program Memory
1 Block Program/Cache
(64K Bytes)
Control
Registers
Internal Data
Memory
(64K Bytes)
2 Blocks of 8 Banks
Each
In-Circuit
Emulation
Interrupt
Control
Framing Chips:
H.100, MVIP,
SCSA, T1, E1
AC97 Devices,
SPI Devices,
Codecs
’C6701 Digital Signal Processor
PLL
(x1, x4)
SBSRAM
SDRAM
HOST CONNECTION
MC68360 Glueless
MPC860 Glueless
PCI9050 Bridge + Inverter
MC68302 + PAL
MPC750 + PAL
MPC960 (Jx/Rx) + PAL
These functional units execute floating-point instructions.


Similar Part No. - SM320C6701-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C6701-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com