Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5404TPHDRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5404TPHDRQ1
Description  TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5404TPHDRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5404TPHDRQ1 Datasheet HTML 1Page - Texas Instruments TAS5404TPHDRQ1 Datasheet HTML 2Page - Texas Instruments TAS5404TPHDRQ1 Datasheet HTML 3Page - Texas Instruments TAS5404TPHDRQ1 Datasheet HTML 4Page - Texas Instruments TAS5404TPHDRQ1 Datasheet HTML 5Page - Texas Instruments TAS5404TPHDRQ1 Datasheet HTML 6Page - Texas Instruments TAS5404TPHDRQ1 Datasheet HTML 7Page - Texas Instruments TAS5404TPHDRQ1 Datasheet HTML 8Page - Texas Instruments TAS5404TPHDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TAS5404-Q1
www.ti.com
SLOS918A – AUGUST 2015 – REVISED OCTOBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
PVDD
DC supply voltage range
Relative to GND
–0.3
18
V
PVDDMAX
DC supply voltage range
t
≤ 60 s exposure
–0.3
30
V
PVDDPULSED
Pulsed supply voltage range
t
≤ 100 ms exposure
–1
50
V
PVDDRAMP
Supply voltage ramp rate
15
V/ms
Externally imposed dc supply current per PVDD or GND
IPVDD
±12
A
pin
IPVDD_MAX
Pulsed supply current per PVDD pin (one shot)
t < 100 ms
17
A
IO
Maximum allowed DC current per output pin
±13.5
A
IO_MAX
(2)
Pulsed output current per output pin (single pulse)
t < 100 ms
±17
A
IIN_MAX
Maximum current, all digital and analog input pins(3)
DC or pulsed
±1
mA
IMUTE_MAX
Maximum current on MUTE pin
DC or pulsed
±20
mA
IIN_ODMAX
Maximum sink current for open-drain pins
7
mA
Input voltage range for pin relative to GND (SCL, SDA,
Supply voltage range:
VLOGIC
–0.3
6
V
I2C_ADDR pins)
6 V < PVDD < 18 V
Supply voltage range:
VMUTE
Voltage range for MUTE pin relative to GND
–0.3
7.5
V
6 V < PVDD < 18 V
Supply voltage range:
VSTANDBY
Input voltage range for STANDBY pin
–0.3
5.5
V
6 V < PVDD < 18 V
Supply voltage range:
VOSC_SYNC
Input voltage range for OSC_SYNC pin relative to GND
–0.3
3.6
V
6 V < PVDD < 18 V
VGND
Maximum voltage between GND pins
±0.3
V
Supply voltage range:
VAIN_AC_MAX
Maximum ac-coupled input voltage(3), analog input pins
1.9
Vrms
6 V < PVDD < 18 V
TJ
Maximum operating junction temperature range
–55
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum- rated conditions for extended periods may affect device reliability.
(2)
Pulsed current ratings are maximum survivable currents externally applied to the TAS5404-Q1 device. The TAS5404-Q1 device can
encounter high currents during reverse-battery, fortuitous open-ground, and fortuitous open-supply fault conditions.
(3)
See the Application Information section for information on analog input voltage and ac coupling.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2500
V
Corner pins excluding SCL
±750
V(ESD)
Electrostatic discharge
Charged device model (CDM), per AEC
All pins (including SCL) except
±600
V
Q100-011 PHD Package
CP and CP_Top
CP and CP_Top pins
±400
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
(1)
MIN
NOM
MAX
UNIT
PVDDOP
DC supply voltage range relative to GND
6
14.4
18
V
VAIN
(2)
Analog audio input signal level (TAS5414C-Q1)
AC-coupled input voltage
0
0.25–1(3)
Vrms
TA
Ambient temperature
–40
105
°C
(1)
The Recommended Operating Conditions table specifies only that the TAS5404-Q1 device is functional in the given range. See the
Electrical Characteristics table for specified performance limits.
(2)
Signal input for full unclipped output with gains of 32 dB, 26 dB, 20 dB, and 12 dB
(3)
Maximum recommended input voltage is determined by the gain setting.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TAS5404-Q1


Similar Part No. - TAS5404TPHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5404TPHDRQ1 TI1-TAS5404TPHDRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   Analog Single-Ended Input 4-Channel Class-D Amp
More results

Similar Description - TAS5404TPHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6304-Q1 TI1-TPA6304-Q1 Datasheet
272Kb / 5P
[Old version datasheet]   TPA6304-Q1 45-W, 2.1-MHz Analog Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS5441-Q1 TI1-TAS5441-Q1 Datasheet
615Kb / 28P
[Old version datasheet]   TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com