Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEH100MR050JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TEH100MR050JE
Description  100 Watt Thick Film Power Resistors for High
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TEH100MR050JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TEH100MR050JE Datasheet HTML 1Page - Ohmite Mfg. Co. TEH100MR050JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
154
Derating
Derating (thermal resistance): 0.666W/°K (1.5K/W). Without a heatsink, when in free air at
25°C, the TEH100 is rated for 3.5W. Derating for temp. above 25°C is 0.0234W/°K.
Graphed value is only valid when using a thermal conduction to the heatsink Rth-
cs<0.025°K/W. This value can be reached by using thermal transfer compound with a
heat conductivity of 1W/mK. The flatness of the cooling plate must be better than 0.05mm
overall. The roughness of the surface should not exceed 6.4µm. The case temperature is
to be used for the definitiion of the applied power limit. The case temperature measurement
must be made with a thermocouple contacting the center of the component mounted on the
designed heat sink. Thermal grease should be applied properly
TEH100 Series
100 Watt Thick Film Power Resistors for High
Frequency and Pulse Loading Applications
Resistor thick film on alumina
Case high temperature plastic
Lead Material Tinned Copper
Installation, max.
Torque
0.9 Nm using an M3 screw and a
compression washer
Derating linear, 100% at 25°C to 0% at
175°C
Resistance range 0.05Ω to 1MΩ, other values on
request
Resistance tol. ±1%, ±2%, ±5%, ±10%
Max. working voltage 350V
Temperature
Coefficient
3R to 10R: 100ppm/°C
1R to 2R99: 250ppm/°C
Below 1R: 500-1000+ppm/°C
(Contact factory for exact values
below 1R)
Insulation Resistance 10GΩ min.
Dielectric Strength 1,800 VAC
Test Conditions Of Test
Performance
Load life MIL-R-39009D 4.8.13 , 2,000
hours at rated power
∆R ≤ ±(1.0% + 0.0005Ω)
Moisture resis-
tance
-10°C - +65°C, RH>90%, cycle
240 h
∆R ≤ ±(0.50% + 0.0005Ω)
Short time
overload
1.5 times rated power and
V(DC) ≤1.5Vmax for 5 seconds
∆R ≤ ± (0.50% + 0.0005Ω)
Thermal shock GJB360A-96 method 107,
Cond. F
∆R ≤ ±(0.50% + 0.0005Ω)
Dielectric
strength
GJB360A-96 method 301,
(1,800V AC, 60s)
∆R ≤ ± (0.15% + 0.0005Ω)
Terminal
strength
GJB360A-96 method 211,
Cond. A (Pull Test) 2.4N
∆R ≤ ±(0.20% + 0.0005Ω)
High frequency
vibration
GJB360A-96 method 204,
Cond. D
∆R ≤ ±(0.40% + 0.0005Ω)
100
Bottom of base plate Temperature,
°C
60
20
0
0
80
40
75
100
175
125
50
25
150
THIS PRODUCT IS DESIGNED FOR
USE WITH PROPER HEATSINKING.
Maximum base plate temperature of the resistor must be
monitored and kept within specified limits to establish
the power rating. Best technique is to attach a ther-
mocouple to the side of the base plate of the resistor.
Temperature of plastic housing or heat sink cannot be
used to establish rating of the resistor.
Ohmite offers the totally
encapsulated and insulated
TO-247 package for low
ohmic value and non-induc-
tive design for high-frequen-
cy and pulsing applications.
Ideal use is for power sup-
plies. This series is rated
at 100 Watts mounted to a
heat sink.
F E a T ur ES
• 100 Watt power rating at
25°C case temperature
• Non-inductive performance
• Low thermal resistance
• RoHS compliant design
• TO-247 package configura-
tion
• Single screw mounting
simplifies attach-ment to
the heat sink
• A totally molded housing
for enviromental protection
• Non-Inductive design
• Resistor package totally
insulated from heat sink
c H arac TE ri ST ic S
(continued)


Similar Part No. - TEH100MR050JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH100MR050JE OHMITE-TEH100MR050JE Datasheet
153Kb / 1P
   100 Watt Thick Film Power Resistors for High Frequency and Pulse Loading Applications
TEH100MR050JE OHMITE-TEH100MR050JE Datasheet
446Kb / 2P
   Low thermal resistance
More results

Similar Description - TEH100MR050JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH100MR050JE OHMITE-TEH100MR050JE Datasheet
153Kb / 1P
   100 Watt Thick Film Power Resistors for High Frequency and Pulse Loading Applications
logo
KOA Speer Electronics, ...
RK92SLD107J KOA-RK92SLD107J Datasheet
244Kb / 2P
   thick film resistors for high voltage
RK929CD KOA-RK929CD Datasheet
86Kb / 2P
   thick film resistors for high voltage
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
   Thick Film Power Resistors
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
   Thick Film Power Resistors
FPA1002R2J ETC2-FPA1002R2J Datasheet
362Kb / 2P
   Thick Film Power Resistors
logo
TE Connectivity Ltd
CRGH TEC-CRGH Datasheet
421Kb / 8P
   High Power Thick Film Chip Resistors
logo
List of Unclassifed Man...
RMH20JE101 ETC-RMH20JE101 Datasheet
648Kb / 9P
   Thick Film High Power Chip Resistors
RMH10JT103 ETC-RMH10JT103 Datasheet
871Kb / 11P
   Thick Film High Power Chip Resistors
RMH25JE101 ETC-RMH25JE101 Datasheet
662Kb / 9P
   Thick Film High Power Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com