Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC4 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # MC4
Description  High Voltage 4-Resistor SMD DIP Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MC4 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  MC4 Datasheet HTML 1Page - Ohmite Mfg. Co. MC4 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
27
Land Pattern
MC4 Series
High Voltage 4-Resistor SMD DIP Package
d IM en SI on S
(in./mm)
order I ng I nfor M at I on
Standard Part Numbers
Part
Description
MC4-1003JER 100K ohms per resistor, 5%
MC4-5003JER 500K ohms per resistor, 5%
MC4-1004JER 1M ohms per resistor, 5%
MC4-5004JER 5M ohms per resistor, 5%
MC4-1005JER 10M ohms per resistor, 5%
MC4-5005JER 50M ohms per resistor, 5%
MC4-1006JER 100M ohms per resistor, 5%
MC4-5006JER 500M ohms per resistor, 5%
MC4-1007KER 1G ohms per resistor, 10%
MC4-5007KER 5G ohms per resistor, 10%
*Custom part numbers are assigned sequen-
tially. MC4-SP0001, MC4-SP0002, etc. Go to
this link to design your own MC4 resistor and
have a unique part number assigned. www.
ohmite.com/mc4sp/
Tape and Reel Orientation
R2
R1
R4
R3
0.676"
(17.17mm)
0.71" ±.01
(18.03mm)
0.750" max.
(19.05mm)
0.75" ±.01
(19.05mm)
0.190" typ.
(4.8mm)
0.03"
(0.76mm)
MC4-1002F ER
MC4 Series
Tolerance
J= 5%
K= 10%
P= 20%
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
1003 = 100K
5004 = 5M
1007 = 1G
E = RoHS
compliant
Tape and Reel
optional
250 per reel
0.650"
(16.5mm)
0.080"
(2.0mm)
0.740"
(18.8mm)
0.580"
(14.7mm)
0.110"
(2.8mm)
0.080"
(2.0mm)
Design online at:
www.ohmite.com/mc4sp/


Similar Part No. - MC4

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MC4-1003JER OHMITE-MC4-1003JER Datasheet
408Kb / 2P
   Unique terminals allow spacing between board and resistor
MC4-1004JER OHMITE-MC4-1004JER Datasheet
408Kb / 2P
   Unique terminals allow spacing between board and resistor
MC4-1005JER OHMITE-MC4-1005JER Datasheet
408Kb / 2P
   Unique terminals allow spacing between board and resistor
MC4-1006JER OHMITE-MC4-1006JER Datasheet
408Kb / 2P
   Unique terminals allow spacing between board and resistor
MC4-1007KER OHMITE-MC4-1007KER Datasheet
408Kb / 2P
   Unique terminals allow spacing between board and resistor
More results

Similar Description - MC4

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
   Small 4 pin DIP/SMD package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C542 SSOUSA-AD2C542 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C741 SSOUSA-AD2C741 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C941 SSOUSA-AD2C941 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
SAT1600 SSOUSA-SAT1600_15 Datasheet
470Kb / 9P
   16 pin DIP/SMD package
logo
MMD Components
MTFH5 MMD-MTFH5 Datasheet
108Kb / 2P
   Standard 14 Dip/4 Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com