Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T711018 Datasheet(PDF) 1 Page - E-SWITCH

Part # T711018
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T711018 Datasheet(HTML) 1 Page - E-SWITCH

  T711018 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700SP7B20M54RE
2:1
6/14/2011
T711018
C
BGL
1
1
1
2
3
3
RECOMMENDED PCB LAYOUT
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON)=MOMENTARY
1
3
2
CURCUIT: SPDT
12.70
[.500 in]
6.86
[.270 in]
.72
[.028 in]
1.02
[.040 in]
KEYWAY
5.54
[.218 in]
6.35
[.250 in]
1.02
[.040 in]
n3.10
[.122 in]
11.45
[.451 in]
16.50
[.650 in]
1.27
[.050 in]
.76
[.030 in]
4.70
[.185 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4(VA) @ 20V AC or DC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. ACUATION FORCE: 300 ± 100gf
9. TRAVEL: 1.0 ± 0.2mm
10. CONTACT RESISTANCE: 20 mOHM MAX.
TYPICAL @ 2-4 VDC
11. DIELECTRIC STRENGTH: 1,000 V RMS @ SEA LEVEL.
12. OPERATING TEMP.: -30°C to 85°C
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT.
C
20004
DRAWING CLEAN-UP / UPDATE
6/14/11
BGL
n1.85
[.073 in]
4.70
[.185 in]


Similar Part No. - T711018

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T711010 E-SWITCH-T711010 Datasheet
171Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T711012 E-SWITCH-T711012 Datasheet
75Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T711013 E-SWITCH-T711013 Datasheet
165Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T711014 E-SWITCH-T711014 Datasheet
184Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711016 E-SWITCH-T711016 Datasheet
173Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T711018

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com