Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURH860CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MURH860CT
Description  8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MURH860CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MURH860CT Datasheet HTML 1Page - Micro Commercial Components MURH860CT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MURH805CT
THRU
MURH860CT
8 Amp Super Fast
Glass Passivated
Rectifier
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MURH805CT
MURH805CT
50V
35V
50V
MURH810CT
MURH810CT
100V
70V
100V
MURH820CT
MURH820CT
200V
140V
200V
MURH840CT
MURH840CT
400V
280V
400V
MURH860CT
MURH860CT
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
TC = 120
°C
Peak Forward Surge
Current
IFSM
65A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
IFM = 4 A per
element;
TA = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 uA
800 uA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
MCC


INCHES
MM






A
.595
.620
15.11
15.75
B
.380
.405
9.65
10.29
U
------
.050
-----
1.27
C
.160
.190
4.06
4.82
D
.025
.035
0.64
0.89
F
.142
.147
3.61
3.73
G
.190
.210
4.83
5.33
H
.110
.130
2.79
3.30
J
.018
.025
0.46
0.64
K
.500
.562
12.70
14.27
L
.045
.060
1.14
1.52
Q
.100
.120
2.54
3.04
R
.080
.110
2.04
2.79
S
.045
.055
1.14
1.39
MURH805-840CT
2.8 V
MURH860CT
2.2 V
www.mccsemi.com
Superfast switching time for hight efficiency
Low reverse leakage current
High surge capacity
MURH805-820CT
MURH840-860CT
35ns
50ns
Maximum Reverse
Recovery Time
Trr
IF=1.0A,
di/dt=50A/uS
TO-220AB
50 to 600 Volts
T
.235
.255
5.97
6.48
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
4
2
N
V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#


Similar Part No. - MURH860CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
logo
ON Semiconductor
MURH860CT ONSEMI-MURH860CT Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
logo
Shanghai Lunsure Electr...
MURH860CT CHENYI-MURH860CT Datasheet
400Kb / 2P
   8Amp super fast glass passivated rectifier 50to600 volts
logo
ON Semiconductor
MURH860CT ONSEMI-MURH860CT Datasheet
128Kb / 4P
   MEGAHERTZ Power Rectifier
June, 2008 ??Rev. 4
logo
Digitron Semiconductors
MURH860CT DIGITRON-MURH860CT Datasheet
299Kb / 2P
   8A ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - MURH860CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1605F MCC-MUR1605F Datasheet
538Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1505 MCC-MUR1505 Datasheet
233Kb / 2P
   15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
logo
Kersemi Electronic Co.,...
MUR1505 KERSEMI-MUR1505 Datasheet
945Kb / 2P
   15 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1605 MCC-MUR1605 Datasheet
94Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR610CT KERSEMI-MUR610CT Datasheet
814Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1005 MCC-MUR1005 Datasheet
316Kb / 3P
   10 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605 MCC-MUR1605_16 Datasheet
600Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605CT MCC-MUR1605CT_16 Datasheet
425Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610 KERSEMI-MUR1610 Datasheet
816Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1620 KERSEMI-MUR1620 Datasheet
817Kb / 2P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com