Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTB1612LVBDSYKJ3C Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APTB1612LVBDSYKJ3C
Description  Wide viewing angle
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTB1612LVBDSYKJ3C Datasheet(HTML) 5 Page - Kingbright Corporation

  APTB1612LVBDSYKJ3C Datasheet HTML 1Page - Kingbright Corporation APTB1612LVBDSYKJ3C Datasheet HTML 2Page - Kingbright Corporation APTB1612LVBDSYKJ3C Datasheet HTML 3Page - Kingbright Corporation APTB1612LVBDSYKJ3C Datasheet HTML 4Page - Kingbright Corporation APTB1612LVBDSYKJ3C Datasheet HTML 5Page - Kingbright Corporation APTB1612LVBDSYKJ3C Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: DSAO4584
REV NO: V.1B
DATE: AUG/04/2015
PAGE: 5 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: M.Liu
ERP: 1203015180
APTB1612LVBDSYKJ3C
Reflow soldering is recommended and the soldering profile is shown below.
Other soldering methods are not recommended as they might cause damage to the product.
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Reel Dimension
Tape Dimensions
(Units : mm)


Similar Part No. - APTB1612LVBDSYKJ3C

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APTB1612LVBDSYKJ3C TO-GRACE-APTB1612LVBDSYKJ3C Datasheet
932Kb / 4P
   1.6 x 1.25 mm Bi-Color SMD Chip LED Lamp
More results

Similar Description - APTB1612LVBDSYKJ3C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK4400L VISHAY-TLHK4400L Datasheet
169Kb / 6P
   Wide viewing angle
Rev. 1.2, 06-Jun-14
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
   Wide viewing angle
APTB1612LVBDSEKJ3C KINGBRIGHT-APTB1612LVBDSEKJ3C Datasheet
315Kb / 6P
   Wide viewing angle
APTB1612SURKQWDF-AMT KINGBRIGHT-APTB1612SURKQWDF-AMT Datasheet
376Kb / 9P
   Wide viewing angle
APTB1612SYKQWDF KINGBRIGHT-APTB1612SYKQWDF Datasheet
294Kb / 8P
   Wide viewing angle
APTB1612LQBDCGKC KINGBRIGHT-APTB1612LQBDCGKC Datasheet
311Kb / 6P
   Wide viewing angle
APTB1612LVBDZGKC KINGBRIGHT-APTB1612LVBDZGKC Datasheet
325Kb / 6P
   Wide viewing angle
APTB1612LZGKSYKC KINGBRIGHT-APTB1612LZGKSYKC Datasheet
345Kb / 6P
   Wide viewing angle
APG0603SYC-TT KINGBRIGHT-APG0603SYC-TT Datasheet
242Kb / 5P
   Wide viewing angle
logo
Marl International Limi...
502-930-2112 MARL-502-930-2112_15 Datasheet
380Kb / 4P
   Wide viewing angle
logo
Kingbright Corporation
APHBM2012LSURKZGKC KINGBRIGHT-APHBM2012LSURKZGKC Datasheet
317Kb / 6P
   Wide viewing angle
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com