Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM3545TA2 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM3545TA2
Description  UNIVERSAL SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545TA2 Datasheet(HTML) 5 Page - New Japan Radio

  NJM3545TA2 Datasheet HTML 1Page - New Japan Radio NJM3545TA2 Datasheet HTML 2Page - New Japan Radio NJM3545TA2 Datasheet HTML 3Page - New Japan Radio NJM3545TA2 Datasheet HTML 4Page - New Japan Radio NJM3545TA2 Datasheet HTML 5Page - New Japan Radio NJM3545TA2 Datasheet HTML 6Page - New Japan Radio NJM3545TA2 Datasheet HTML 7Page - New Japan Radio NJM3545TA2 Datasheet HTML 8Page - New Japan Radio NJM3545TA2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJM3545
Figure 10. Timing diagram, input vs.
output. V
CC = 24V
Figure 9. Definition of symbols
+
C1
Load
V
IN
IH
IL
V
V
I
I
IN I IH
IL
V
I
SAT Err
Err
V
V
CC
CE SAT
IOUT
I CC
I
OS
I
OMIN
Fault
Detector
NJM3545
I
OL
Supply
Output
GND
Error
Input
Supply
voltage
Low
High
Input level
Output voltage
V
CC
t
t
phl
of
Low
High
Input level
Output voltage
V
CC
t
t
plh
or
10 %
50 %
90 %
50 %
50 %
10 %
90 %
50 %
ON
OFF
s ABSOLUTE MAXIMUM RATINGS
Parameter
Pin no.
Symbol
Min
Max
Unit
Voltage
Supply voltage
1
V
CC
045
V
Logic input voltage
5
V
IN
-0.3
V
CC
V
Current
Logic input current
5
I
IN
-10
-
mA
Continuous DC Operation output current TO-220
2
I
OUT
-
2000
mA
Error output current
4
I
ERR
-10
mA
Temperature
Operating junction temperature (internally limited)
T
J
-
+140
°C
Storage temperature
T
S
-40
+150
°C
Power Dissipation (Package Data)
Power dissipation at T
Case = 85°C, TO-220 package
P
D
-11
W
ESD
ESD tolerance (Note 2)
2000
-
V
s RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
4.75
-
40
V
Output current TO-220
I
OUT
-
-
2000
mA
Operating junction temperature
T
j
-40
-
+100
°C
Error output current
I
Err
-5
8
mA


Similar Part No. - NJM3545TA2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
NJM3548TA2 NJRC-NJM3548TA2 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
More results

Similar Description - NJM3545TA2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
   Universal Relay Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
   Universal Relay Driver
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
   Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
   Universal Relay Driver
06/23/16
logo
Sanken electric
SLA4052 SANKEN-SLA4052 Datasheet
121Kb / 3P
   Sink Driver Arrays
SLA4051 SANKEN-SLA4051 Datasheet
121Kb / 3P
   Sink Driver Arrays
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
logo
Supertex, Inc
HV9910B SUTEX-HV9910B_08 Datasheet
741Kb / 8P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com