Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTB1612LQBDCGKC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APTB1612LQBDCGKC
Description  Wide viewing angle
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTB1612LQBDCGKC Datasheet(HTML) 3 Page - Kingbright Corporation

  APTB1612LQBDCGKC Datasheet HTML 1Page - Kingbright Corporation APTB1612LQBDCGKC Datasheet HTML 2Page - Kingbright Corporation APTB1612LQBDCGKC Datasheet HTML 3Page - Kingbright Corporation APTB1612LQBDCGKC Datasheet HTML 4Page - Kingbright Corporation APTB1612LQBDCGKC Datasheet HTML 5Page - Kingbright Corporation APTB1612LQBDCGKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAO4546
REV NO: V.1B
DATE: AUG/01/2015
PAGE: 3 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1203015155
APTB1612LQBDCGKC
Blue


Similar Part No. - APTB1612LQBDCGKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APTB1612LQBDCGKC TO-GRACE-APTB1612LQBDCGKC Datasheet
936Kb / 4P
   1.6 x 1.25 mm Bi-Color SMD Chip LED Lamp
More results

Similar Description - APTB1612LQBDCGKC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK4400L VISHAY-TLHK4400L Datasheet
169Kb / 6P
   Wide viewing angle
Rev. 1.2, 06-Jun-14
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
   Wide viewing angle
APTB1612LVBDSEKJ3C KINGBRIGHT-APTB1612LVBDSEKJ3C Datasheet
315Kb / 6P
   Wide viewing angle
APTB1612SURKQWDF-AMT KINGBRIGHT-APTB1612SURKQWDF-AMT Datasheet
376Kb / 9P
   Wide viewing angle
APTB1612SYKQWDF KINGBRIGHT-APTB1612SYKQWDF Datasheet
294Kb / 8P
   Wide viewing angle
APTB1612LVBDZGKC KINGBRIGHT-APTB1612LVBDZGKC Datasheet
325Kb / 6P
   Wide viewing angle
APTB1612LZGKSYKC KINGBRIGHT-APTB1612LZGKSYKC Datasheet
345Kb / 6P
   Wide viewing angle
APG0603SYC-TT KINGBRIGHT-APG0603SYC-TT Datasheet
242Kb / 5P
   Wide viewing angle
logo
Marl International Limi...
502-930-2112 MARL-502-930-2112_15 Datasheet
380Kb / 4P
   Wide viewing angle
logo
Kingbright Corporation
APHBM2012LSURKZGKC KINGBRIGHT-APHBM2012LSURKZGKC Datasheet
317Kb / 6P
   Wide viewing angle
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com