Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APF3236LSEEZGKQBKC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APF3236LSEEZGKQBKC
Description  Low power consumption
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APF3236LSEEZGKQBKC Datasheet(HTML) 1 Page - Kingbright Corporation

  APF3236LSEEZGKQBKC Datasheet HTML 1Page - Kingbright Corporation APF3236LSEEZGKQBKC Datasheet HTML 2Page - Kingbright Corporation APF3236LSEEZGKQBKC Datasheet HTML 3Page - Kingbright Corporation APF3236LSEEZGKQBKC Datasheet HTML 4Page - Kingbright Corporation APF3236LSEEZGKQBKC Datasheet HTML 5Page - Kingbright Corporation APF3236LSEEZGKQBKC Datasheet HTML 6Page - Kingbright Corporation APF3236LSEEZGKQBKC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAO4455
REV NO: V.2B
DATE: SEP/18/2015
PAGE: 1 OF 7
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: F.T.Liu
ERP: 1203015142
3.2mmx3.6mm FULL-COLOR SURFACE
MOUNT LED LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APF3236LSEEZGKQBKC
Hyper Red
Green
Blue
Features
3.2mmx3.6mm SMD LED, 1.1mm thickness.
Low power consumption.
One red, one green and one blue chips in one package.
Package : 1000pcs / reel.
Moisture sensitivity level : level 3.
Low current IF=2mA operating.
RoHS compliant.
Descriptions
The Hyper Red source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode.
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode.
The Blue source color devices are made with InGaN on
Sapphire Light Emitting Diode.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3.The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APF3236LSEEZGKQBKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APF3236LSEEZGKQBKC TO-GRACE-APF3236LSEEZGKQBKC Datasheet
1Mb / 4P
   3.2 mm x 3.6 mm Full-Color Surface Mount LED Lamp
More results

Similar Description - APF3236LSEEZGKQBKC

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com