Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UESDA6V1W5 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UESDA6V1W5
Description  4-BIT WIDE MONOLITHIC SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UESDA6V1W5 Datasheet(HTML) 1 Page - Unisonic Technologies

  UESDA6V1W5_15 Datasheet HTML 1Page - Unisonic Technologies UESDA6V1W5_15 Datasheet HTML 2Page - Unisonic Technologies UESDA6V1W5_15 Datasheet HTML 3Page - Unisonic Technologies UESDA6V1W5_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UESDA6V1W5
Preliminary
TVS
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R223-005.a
4-BIT WIDE MONOLITHIC
SUPPRESSOR
DESCRIPTION
The UTC UESDA6V1W5 is a 4-bit wide monolithic suppressor, it
uses UTC’s advanced technology to provide customers with low
leakage current and high integration, etc.
The UTC UESDA6V1W5 is suitable for ESD protection and high
density boards..
FEATURES
* Low leakage current (Max.=1µA)
* High integration
* Breakdown voltage (Min.=6.1V)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UESDA6V1W5L-AL5-R
UESDA6V1W5G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - UESDA6V1W5_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UESDA6V1W5G-AL5-R UTC-UESDA6V1W5G-AL5-R Datasheet
123Kb / 4P
   4-BIT WIDE MONOLITHIC SUPPRESSOR
UESDA6V1W5L-AL5-R UTC-UESDA6V1W5L-AL5-R Datasheet
123Kb / 4P
   4-BIT WIDE MONOLITHIC SUPPRESSOR
More results

Similar Description - UESDA6V1W5_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UESDA6V1W5 UTC-UESDA6V1W5 Datasheet
123Kb / 4P
   4-BIT WIDE MONOLITHIC SUPPRESSOR
logo
Mitsumi Electronics, Co...
MM1327 MITSUMI-MM1327 Datasheet
142Kb / 11P
   Wide Discriminator Monolithic IC
logo
Data Delay Devices, Inc...
3D3424 DATADELAY-3D3424 Datasheet
357Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7424 DATADELAY-3D7424 Datasheet
361Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
logo
Wolfson Microelectronic...
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8253 CIRRUS-WM8253 Datasheet
278Kb / 27P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Wolfson Microelectronic...
WM8150 WOLFSON-WM8150 Datasheet
271Kb / 24P
   SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8253 WOLFSON-WM8253 Datasheet
278Kb / 27P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8152 CIRRUS-WM8152 Datasheet
418Kb / 28P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com