Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC17AL-P14-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC17AL-P14-T
Description  HEX SCHMITT-TRIGGER BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC17AL-P14-T Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC17AL-P14-T Datasheet HTML 1Page - Unisonic Technologies U74LVC17AL-P14-T Datasheet HTML 2Page - Unisonic Technologies U74LVC17AL-P14-T Datasheet HTML 3Page - Unisonic Technologies U74LVC17AL-P14-T Datasheet HTML 4Page - Unisonic Technologies U74LVC17AL-P14-T Datasheet HTML 5Page - Unisonic Technologies U74LVC17AL-P14-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74LVC17A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-410.B
TEST CIRCUITS AND WAVEFORMS
VCC
VIN
tR, tF
VM
CL
RL
1.65V~1.95V
VCC
≤2ns
VCC/2
30pF
1kΩ
2.3V~2.7V
VCC
≤2ns
VCC/2
30pF
500Ω
3.0V~3.6V
3V
≤2.5ns
1.5V
50pF
500Ω
4.5V~5.5V
VCC
≤2.5ns
VCC/2
50pF
500Ω
Definitions for test circuit: RL = Load resistance, CL = Load capacitance including jig and probe capacitance.
Note: 1. VOL and VOH are typical output drop that occur with the output load.
2. tPLH and tPHL are the same as tPD.


Similar Part No. - U74LVC17AL-P14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC17AL-P14-R UTC-U74LVC17AL-P14-R Datasheet
199Kb / 5P
   HEX SCHMITT-TRIGGER BUFFER
More results

Similar Description - U74LVC17AL-P14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC17A UTC-U74LVC17A_V01 Datasheet
199Kb / 5P
   HEX SCHMITT-TRIGGER BUFFER
U74LVC17A UTC-U74LVC17A Datasheet
159Kb / 5P
   HEX SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AHCT17A NEXPERIA-74AHCT17A Datasheet
181Kb / 13P
   Hex buffer Schmitt trigger
logo
Texas Instruments
SN74AUC17 TI-SN74AUC17 Datasheet
179Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74LV17A NEXPERIA-74LV17A Datasheet
189Kb / 14P
   Hex buffer Schmitt trigger
74AHCV17A NEXPERIA-74AHCV17A Datasheet
739Kb / 14P
   Hex buffer Schmitt trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com