Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB0101 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NTB0101
Description  Dual supply translating transceiver; auto direction sensing; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTB0101 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NTB0101_15 Datasheet HTML 2Page - NXP Semiconductors NTB0101_15 Datasheet HTML 3Page - NXP Semiconductors NTB0101_15 Datasheet HTML 4Page - NXP Semiconductors NTB0101_15 Datasheet HTML 5Page - NXP Semiconductors NTB0101_15 Datasheet HTML 6Page - NXP Semiconductors NTB0101_15 Datasheet HTML 7Page - NXP Semiconductors NTB0101_15 Datasheet HTML 8Page - NXP Semiconductors NTB0101_15 Datasheet HTML 9Page - NXP Semiconductors NTB0101_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NTB0101
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 6 August 2012
6 of 26
NXP Semiconductors
NTB0101
Dual supply translating transceiver; auto direction sensing; 3-state
Table 9.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max
VIH
HIGH-level
input voltage
A or B port and OE input
[1]
VCC(A) = 1.2 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
0.65VCCI
-
0.65VCCI
-V
VIL
LOW-level
input voltage
A or B port and OE input
[1]
VCC(A) = 1.2 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
-0.35VCCI
-0.35VCCI
V
VOH
HIGH-level
output voltage
IO = 20 A
[2]
A port; VCC(A) = 1.4 V to 3.6 V
VCCO  0.4
-
VCCO  0.4
-
V
B port; VCC(B) = 1.65 V to 5.5 V
VCCO  0.4
-
VCCO  0.4
-
V
VOL
LOW-level
output voltage
IO =20 A
[2]
A port; VCC(A) = 1.4 V to 3.6 V
-
0.4
-
0.4
V
B port; VCC(B) = 1.65 V to 5.5 V
-
0.4
-
0.4
V
II
input leakage
current
OE input; VI = 0 V to 3.6 V;
VCC(A) = 1.2 V to 3.6 V;
VCC(B) =1.65Vto 5.5V
-
2-
5
A
IOZ
OFF-state
output current
A or B port; VO =0V orVCCO;
VCC(A) = 1.2 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
[2]
-
2-
10
A
IOFF
power-off
leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) =0Vto5.5 V
-
2-
10
A
B port; VI or VO = 0 V to 5.5 V;
VCC(B) =0V; VCC(A) =0Vto3.6 V
-
2-
10
A


Similar Part No. - NTB0101_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
NTB0101A NXP-NTB0101A Datasheet
376Kb / 19P
   Auto direction sensing dual supply
Rev.1-14 July2015
NTB0101A PHILIPS-NTB0101A_15 Datasheet
376Kb / 19P
   Auto direction sensing dual supply
Rev. 1-14 July 2015
NTB0101GF NXP-NTB0101GF Datasheet
536Kb / 27P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0101GF132 NXP-NTB0101GF132 Datasheet
536Kb / 27P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
More results

Similar Description - NTB0101_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104_15 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2-22 May 2012
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0104 NEXPERIA-NXB0104 Datasheet
350Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 3 - 13 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com