Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2290 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2290 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2290_15 Datasheet HTML 1Page - NXP Semiconductors LPC2290_15 Datasheet HTML 2Page - NXP Semiconductors LPC2290_15 Datasheet HTML 3Page - NXP Semiconductors LPC2290_15 Datasheet HTML 4Page - NXP Semiconductors LPC2290_15 Datasheet HTML 5Page - NXP Semiconductors LPC2290_15 Datasheet HTML 6Page - NXP Semiconductors LPC2290_15 Datasheet HTML 7Page - NXP Semiconductors LPC2290_15 Datasheet HTML 8Page - NXP Semiconductors LPC2290_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1.
General description
The LPC2290 microcontroller is based on a 16/32-bit ARM7TDMI-S CPU with real-time
emulation and embedded trace support. For critical code size applications, the alternative
16-bit Thumb mode reduces code by more than 30 % with minimal performance penalty.
With its 144-pin package, low power consumption, various 32-bit timers, 8-channel 10-bit
ADC, two advanced CAN channels, PWM channels and up to nine external interrupt pins
this microcontroller is particularly suitable for automotive and industrial control
applications as well as medical systems and fault-tolerant maintenance buses. The
LPC2290 provides up to 76 GPIOs depending on bus configuration. With a wide range of
additional serial communications interfaces, it is also suited for communication gateways
and protocol converters as well as many other general-purpose applications.
Remark: Throughout the data sheet, the term ‘LPC2290’ will apply to devices with and
without the /01 suffix. New devices will use the /01 suffix to differentiate from the original
devices only when necessary.
2.
Features
2.1 Enhancements introduced with LPC2290/01 device
I CPU clock up to 72 MHz and 64 kB of on-chip static RAM.
I Fast GPIO ports enable port pin toggling up to 3.5 times faster than the original
LPC2290. A port pin can be read at any time regardless of its function.
I Dedicated result registers for ADC reduce interrupt overhead.
I UART0/1 include fractional baud rate generator, auto-bauding capabilities and
handshake flow-control fully implemented in hardware.
I SSP serial controller supporting SPI, 4-wire SSI, and Microwire buses.
2.2 Key features common for LPC2290 and LPC2290/01
I 16/32-bit ARM7TDMI-S microcontroller in a LQFP144 package.
I 16/64 kB on-chip static RAM.
I Serial bootloader using UART0 provides in-system download and programming
capabilities.
I EmbeddedICE-RT and Embedded Trace interfaces offer real-time debugging with the
on-chip RealMonitor software as well as high-speed real-time tracing of instruction
execution.
I Two interconnected CAN interfaces with advanced acceptance filters. Additional serial
interfaces include two UARTs (16C550), Fast I2C-bus (400 kbit/s) and two SPIs.
LPC2290
16/32-bit ARM microcontroller with CAN, 10-bit ADC and
external memory interface
Rev. 03 — 16 November 2006
Product data sheet


Similar Part No. - LPC2290_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2290FBD144 PHILIPS-LPC2290FBD144 Datasheet
185Kb / 41P
   16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2290FBD144 NXP-LPC2290FBD144 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2290FBD144/01 NXP-LPC2290FBD144/01 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
More results

Similar Description - LPC2290_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
   16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
   16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2210 NXP-LPC2210_08 Datasheet
258Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2220 PHILIPS-LPC2220 Datasheet
255Kb / 49P
   16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2210 NXP-LPC2210 Datasheet
253Kb / 49P
   16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface
Rev. 04-2 October 2007
LPC2292 PHILIPS-LPC2292_07 Datasheet
273Kb / 54P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2292 PHILIPS-LPC2292_15 Datasheet
456Kb / 54P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 8-8 June 2011
LPC2292 NXP-LPC2292 Datasheet
279Kb / 53P
   16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com