Electronic Components Datasheet Search |
|
U74LVC06AL-P14-T Datasheet(PDF) 3 Page - Unisonic Technologies |
|
U74LVC06AL-P14-T Datasheet(HTML) 3 Page - Unisonic Technologies |
3 / 5 page U74LVC06A CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R502-438.C ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5 ~ +6.5 V Input Voltage VIN -0.5 ~ +6.5 V Output Voltage VOUT -0.5 ~ +6.5 V VCC or GND Current ICC ±100 mA Continuous Output Current (VOUT=0 to VCC) IOUT ±50 mA Input Clamp Current (VIN<0) IIK -50 mA Output Clamp Current (VOUT<0) IOK -50 mA Storage Temperature TSTG -65 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient SOP-14 θJA 86 °C/W TSSOP-14 113 °C/W RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC Operating 1.65 3.6 V Data retention only 1.5 V Input Voltage VIN 0 5.5 V Output Voltage VOUT 0 5.5 V Operating Temperature TA -40 85 °C Low-Level Output Current IOL VCC=1.65V 4 mA VCC=2.3V 8 mA VCC=2.7V 12 mA VCC=3V 24 mA ELECTRICAL CHARACTERISTICS (TA =25°C ,unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT High-Level Input Voltage VIH VCC=1.65V ~ 1.95V 0.65*VCC V VCC=2.3V ~ 2.7V 1.7 V VCC=2.7V ~ 3.6V 2 V Low-Level Input Voltage VIL VCC=1.65V ~ 1.95V 0.35*VCC V VCC=2.3V ~ 2.7V 0.7 V VCC=2.7V ~ 3.6V 0.8 V Low-Level Output Voltage VOL IOL=100μA VCC=1.65 ~ 3.6V 0.2 V IOL= 4mA VCC=1.65V 0.45 V IOL= 8mA VCC=2.3V 0.7 V IOL=12mA VCC=2.7V 0.4 V IOL=24mA VCC=3.0V 0.55 V Input Leakage Current II(LEAK) VIN=5.5V or GND, VCC=3.6V ±1 μA Power OFF Leakage Current IOFF VIN or VOUT=5.5V, VCC=0V ±1 μA Quiescent Supply Current IQ VIN= VCC or GND, IOUT=0, VCC=3.6V 1 μA Additional Quiescent Supply Current Per Input Pin ΔIQ VCC=2.7~3.6V,One input at VCC-0.6V, IOUT=0, Other inputs at VCC or GND 500 μA Input Capacitance CIN VIN= VCC or GND, VCC=3.3V 5 pF |
Similar Part No. - U74LVC06AL-P14-T |
|
Similar Description - U74LVC06AL-P14-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |