Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC04A Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC04A
Description  HEX INVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC04A Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC04A_15 Datasheet HTML 1Page - Unisonic Technologies U74LVC04A_15 Datasheet HTML 2Page - Unisonic Technologies U74LVC04A_15 Datasheet HTML 3Page - Unisonic Technologies U74LVC04A_15 Datasheet HTML 4Page - Unisonic Technologies U74LVC04A_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC04A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-187.C
DYNAMIC CHARACTERISTICS (TA = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay From Input
(
A) to Output(Y)
tPLH/tPHL
VCC=1.8V±0.15V
1
4.1
7.5
ns
VCC=2.5V±0.2V
1
3.6
7
ns
VCC=2.7V
1
3
5.3
ns
VCC=3.3V±0.3V
1
2.5
4.3
ns
OPERATING CHARACTERISTICS (TA = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Cpd
VCC=1.8V, f=10MHz
6
pF
VCC=2.5V, f=10MHz
7
pF
VCC=3.3V, f=10MHz
8
pF


Similar Part No. - U74LVC04A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC04AG-D14-T UTC-U74LVC04AG-D14-T Datasheet
168Kb / 5P
   HEX INVERTERS
U74LVC04AG-P14-R UTC-U74LVC04AG-P14-R Datasheet
168Kb / 5P
   HEX INVERTERS
U74LVC04AG-S14-R UTC-U74LVC04AG-S14-R Datasheet
168Kb / 5P
   HEX INVERTERS
U74LVC04AL-D14-T UTC-U74LVC04AL-D14-T Datasheet
168Kb / 5P
   HEX INVERTERS
U74LVC04AL-P14-R UTC-U74LVC04AL-P14-R Datasheet
168Kb / 5P
   HEX INVERTERS
More results

Similar Description - U74LVC04A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com