Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC2G66 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # U74LVC2G66
Description  DUAL BILATERAL ANALOG SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G66 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button U74LVC2G66_15 Datasheet HTML 2Page - Unisonic Technologies U74LVC2G66_15 Datasheet HTML 3Page - Unisonic Technologies U74LVC2G66_15 Datasheet HTML 4Page - Unisonic Technologies U74LVC2G66_15 Datasheet HTML 5Page - Unisonic Technologies U74LVC2G66_15 Datasheet HTML 6Page - Unisonic Technologies U74LVC2G66_15 Datasheet HTML 7Page - Unisonic Technologies U74LVC2G66_15 Datasheet HTML 8Page - Unisonic Technologies U74LVC2G66_15 Datasheet HTML 9Page - Unisonic Technologies U74LVC2G66_15 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
U74LVC2G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R502-432.J
PARAMETER MEASUREMENT (Cont.)
VLOAD
Open
GND
From output
C L
R L
R L
TEST CIRCUIT
S1
Inputs
VCC
VIN
tR, tF
VM
VLOAD
CL
RL
V
1.8V±0.15V
VCC
≤2ns
VCC/2
2×VCC
30pF
1KΩ
0.15V
2.5V±0.2V
VCC
≤2ns
VCC/2
2×VCC
30pF
500Ω
0.15V
3.3V±0.3V
VCC
≤2.5ns
VCC/2
2×VCC
50pF
500Ω
0.3V
5V±0.5V
VCC
≤2.5ns
VCC/2
2×VCC
50pF
500Ω
0.3V
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤10MHz, ZO = 50Ω.
Fig.5 Load circuit and voltage waveforms
TEST
S1
tPLH / tPHL
Open
tPLZ / tPZL
VLOAD
tPHZ / tPZH
GND


Similar Part No. - U74LVC2G66_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G66G-P08-R UTC-U74LVC2G66G-P08-R Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
U74LVC2G66G-P08-T UTC-U74LVC2G66G-P08-T Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
U74LVC2G66L-P08-R UTC-U74LVC2G66L-P08-R Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
U74LVC2G66L-P08-T UTC-U74LVC2G66L-P08-T Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
More results

Similar Description - U74LVC2G66_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com