Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5234B Datasheet(PDF) 4 Page - Micro Commercial Components

Part # MMSZ5234B
Description  500 mW Zener Diodes 2.4 to 39 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSZ5234B Datasheet(HTML) 4 Page - Micro Commercial Components

  MMSZ5234B Datasheet HTML 1Page - Micro Commercial Components MMSZ5234B Datasheet HTML 2Page - Micro Commercial Components MMSZ5234B Datasheet HTML 3Page - Micro Commercial Components MMSZ5234B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MMSZ5221B thru MMSZ5259B
MCC
www.mccsemi.com
ZENER VOLTAGE V.S. ZENER CURRENT
TYPICAL LEAKGE CURRENT
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
NOMINAL ZENER VOLTAGE, Vlots
+150 C
O
+25 C
O
-55 C
O
12
100
10
1
0.1
0.01
10
8
6
4
2
0
ZENER VOLTAGE, Volts
T =25 C
A
o
100
10
1
0.1
0.0110
30
50
70
90
T =25 C
A
o
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT


Similar Part No. - MMSZ5234B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5234B PANJIT-MMSZ5234B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5234B CHENDA-MMSZ5234B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
MMSZ5234B BILIN-MMSZ5234B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Diotec Semiconductor
MMSZ5234B DIOTEC-MMSZ5234B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5234B TSC-MMSZ5234B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5234B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMSZ5221 MCC-MMSZ5221 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5254B-TP MCC-MMSZ5254B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
   410 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com