Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC1G18 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G18
Description  1-OF-2 NON-INVERTING DEMULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G18 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G18_15 Datasheet HTML 1Page - Unisonic Technologies U74LVC1G18_15 Datasheet HTML 2Page - Unisonic Technologies U74LVC1G18_15 Datasheet HTML 3Page - Unisonic Technologies U74LVC1G18_15 Datasheet HTML 4Page - Unisonic Technologies U74LVC1G18_15 Datasheet HTML 5Page - Unisonic Technologies U74LVC1G18_15 Datasheet HTML 6Page - Unisonic Technologies U74LVC1G18_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U74LVC1G18
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-559.a
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage (any output in the high-impedance or
power-off state)
VOUT
-0.5~6.5
V
Output Voltage (any output in the high or low state)
VOUT
-0.5~VCC+0.5
V
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Power Dissipation
TA=-40°C to +85°C
Ptot
250
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-363
350
Junction to Ambient
SOT-26
θJA
230
°C/W
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Operating
1.65
5.5
Supply Voltage
VCC
Data retention only
1.5
V
VCC = 1.65V to 1.95V
0.65* VCC
VCC = 2.3V to 2.7V
1.7
VCC = 3V to 3.6V
2
High
VIH
VCC = 4.5V to 5.5V
0.7* VCC
V
VCC = 1.65V to 1.95V
0.35* VCC
VCC = 2.3V to 2.7V
0.7
VCC = 3V to 3.6V
0.8
Input Voltage
Low
VIL
VCC = 4.5V to 5.5V
0.3* VCC
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or low state
0
VCC
V
VCC=1.65V
-4
VCC=2.3V
-8
-16
VCC=3V
-24
High
IOH
VCC=4.5V
-32
mA
VCC=1.65V
4
VCC=2.3V
8
16
VCC=3V
24
Output Current
Low
IOL
VCC=4.5V
32
mA
VCC=1.8±0.15V, 2.5±0.2V
20
VCC=3.3±0.3V
10
Input Transition Rise or Fall Rate
Δt/Δv
VCC=5.0+0.5V
5
ns/V
Operating Temperature
TA
-40
85
°C


Similar Part No. - U74LVC1G18_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G18G-AG6-R UTC-U74LVC1G18G-AG6-R Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
U74LVC1G18G-AG6-R UTC-U74LVC1G18G-AG6-R Datasheet
265Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER
U74LVC1G18G-AL6-R UTC-U74LVC1G18G-AL6-R Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
U74LVC1G18G-AL6-R UTC-U74LVC1G18G-AL6-R Datasheet
265Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER
U74LVC1G18L-AG6-R UTC-U74LVC1G18L-AG6-R Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
More results

Similar Description - U74LVC1G18_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18_V01 Datasheet
265Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER
logo
Fairchild Semiconductor
NC7SZ18 FAIRCHILD-NC7SZ18 Datasheet
117Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
logo
Fairchild Semiconductor
NC7SZ18 FAIRCHILD-NC7SZ18_04 Datasheet
166Kb / 8P
   TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer with 3-STATE Deselected Output
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com