Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HC4046AG-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC4046AG-S16-R
Description  PHASE LOCKED LOOP WITH VCO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AG-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC4046AG-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
U74HC4046A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 19
www.unisonic.com.tw
QW-R502-461.C
PIN DESCRIPTION
PIN NO
SYMBOL
FUNCTION
1
PCPOUT
Phase comparator pulse output
2
PC1OUT
Phase comparator 1output
3
COMPIN
Comparator input
4
VCOOUT
VCO output
5
INH
Inhibit input
6
C1A
Capacitor C1 connection A
7
C1B
Capacitor C1 connection B
8
GND
Ground
9
VCOIN
VCO input
10
DEMOUT
Demodulator output
11
R1
Resistor R1 connection
12
R2
Resistor R2 connection
13
PC2OUT
Phase comparator 2 output
14
SIGIN
Signal input
15
PC3OUT
Phase comparator 3 output
16
VCC
Positive supply voltage


Similar Part No. - U74HC4046AG-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4046AG-S16-R UTC-U74HC4046AG-S16-R Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
U74HC4046AG-S16-R UTC-U74HC4046AG-S16-R Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
More results

Similar Description - U74HC4046AG-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HCT4046A NEXPERIA-74HCT4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com