Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HC245G-D20-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC245G-D20-T
Description  OCTAL BUS TRANSCEIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC245G-D20-T Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC245G-D20-T Datasheet HTML 1Page - Unisonic Technologies U74HC245G-D20-T Datasheet HTML 2Page - Unisonic Technologies U74HC245G-D20-T Datasheet HTML 3Page - Unisonic Technologies U74HC245G-D20-T Datasheet HTML 4Page - Unisonic Technologies U74HC245G-D20-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74HC245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-639.E
TEST CIRCUIT AND WAVEFORMS
Note: CL includes probe and jig capacitance.
PRR ≤1MHz, ZO = 50Ω, tR ≤6ns, tF ≤6ns
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U74HC245G-D20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC245G-P20-R UTC-U74HC245G-P20-R Datasheet
188Kb / 5P
   OCTAL BUS TRANSCEIV WITH 3-STATE OUTPUTS
U74HC245G-P20-T UTC-U74HC245G-P20-T Datasheet
188Kb / 5P
   OCTAL BUS TRANSCEIV WITH 3-STATE OUTPUTS
U74HC245G-R20-R UTC-U74HC245G-R20-R Datasheet
188Kb / 5P
   OCTAL BUS TRANSCEIV WITH 3-STATE OUTPUTS
U74HC245G-R20-T UTC-U74HC245G-R20-T Datasheet
188Kb / 5P
   OCTAL BUS TRANSCEIV WITH 3-STATE OUTPUTS
U74HC245G-S20-R UTC-U74HC245G-S20-R Datasheet
188Kb / 5P
   OCTAL BUS TRANSCEIV WITH 3-STATE OUTPUTS
More results

Similar Description - U74HC245G-D20-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com