Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6363CRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6363CRTZ
Description  Multiphase PWM Regulator for VR12™ Desktop CPUs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6363CRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6363CRTZ Datasheet HTML 7Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 8Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 9Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 10Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 11Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 12Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 13Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 14Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ISL6363
11
FN6898.1
September 5, 2013
Gate Driver Timing Diagram
Theory of Operation
Multiphase R3 Modulator
The ISL6363 is a multiphase regulator implementing Intel’s™
VR12™ protocol. It has two voltage regulators, VR1 and VR2, on
one chip. VR1 can be programmed for 1, 2, 3, or 4-phase
operation, and VR2 is dedicated for 1-phase operation. The
following description is based on VR1, but also applies to VR2
because the same architecture is implemented.
The ISL6363 uses Intersil’s patented R3 (Robust Ripple Regulator)
modulator. The R3 modulator combines the best features of fixed
frequency PWM and hysteretic PWM while eliminating many of
their shortcomings. Figure 3 conceptually shows the multiphase
R3 modulator circuit, and Figure 4 shows the operation principles.
A current source flows from the VW pin to the COMP pin, creating
a voltage window set by the resistor between the two pins. This
voltage window is called VW window in the following discussion.
Inside the IC, the modulator uses the master clock circuit to
generate the clocks for the slave circuits. The modulator
discharges the ripple capacitor Crm with a current source equal to
gmVo, where gm is a gain factor. Crm voltage Vcrm is a sawtooth
waveform traversing between the VW and COMP voltages. It resets
to VW when it hits COMP, and generates a one-shot master clock
signal. A phase sequencer distributes the master clock signal to
the slave circuits. If VR1 is in 4-phase mode, the master clock
signal will be distributed to the four phases, and the Clock1~4
signals will be 90° out-of-phase. If VR1 is in 3-phase mode, the
master clock signal will be distributed to the three phases, and the
Clock1~3 signals will be 120° out-of-phase. If VR1 is in 2-phase
mode, the master clock signal will be distributed to Phases 1 and 2,
and the Clock1 and Clock2 signals will be 180° out-of-phase. If
VR1 is in 1-phase mode, the master clock signal will be distributed
to Phase 1 only and be the Clock1 signal.
Each slave circuit has its own ripple capacitor Crs, whose voltage
mimics the inductor ripple current. A gm amplifier converts the
inductor voltage into a current source to charge and discharge
Crs. The slave circuit turns on its PWM pulse upon receiving the
clock signal, and the current source charges Crs. When Crs
voltage VCrs hits VW, the slave circuit turns off the PWM pulse,
and the current source discharges Crs.
PWM
UGATE
LGATE
1V
1V
tUGFLGR
tRL
tFU
tRU
tFL
tLGFUGR
FIGURE 3. R3 MODULATOR CIRCUIT
Crm
gmVo
MASTER
CLOCK
VW
COMP
MASTER
CLOCK
Phase
Sequencer
Clock1
Clock2
R
IL1
gm
Clock1
Phase1
Crs1
VW
S
Q
PWM1
L1
R
IL2
gm
Clock2
Phase2
Crs2
VW
S
Q
PWM2
L2
Co
Vo
Vcrm
Vcrs1
Vcrs2
MASTER CLOCK CIRCUIT
SLAVE CIRCUIT 1
SLAVE CIRCUIT 2
R
IL3
gm
Clock3
Phase3
Crs3
VW
S
Q
PWM3
L3
Vcrs3
SLAVE CIRCUIT 3
Clock3


Similar Part No. - ISL6363CRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6363CRTZ INTERSIL-ISL6363CRTZ Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
logo
Renesas Technology Corp
ISL6363CRTZ RENESAS-ISL6363CRTZ Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
More results

Similar Description - ISL6363CRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6363 INTERSIL-ISL6363 Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
logo
Renesas Technology Corp
ISL6363 RENESAS-ISL6363 Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
ISL95853 RENESAS-ISL95853 Datasheet
179Kb / 2P
   Multiphase PWM Regulator for IMVP8™ CPUs
May 6, 2015
ISL95856 RENESAS-ISL95856 Datasheet
191Kb / 2P
   43 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
June 3, 2016
ISL95824 RENESAS-ISL95824 Datasheet
190Kb / 2P
   42 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
May 18, 2015
logo
Intersil Corporation
ISL95858 INTERSIL-ISL95858 Datasheet
118Kb / 2P
   32 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
July 2, 2015
logo
Renesas Technology Corp
ISL95858 RENESAS-ISL95858 Datasheet
189Kb / 2P
   32 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
July 2, 2015
logo
Intersil Corporation
ISL95824 INTERSIL-ISL95824 Datasheet
119Kb / 2P
   42 Multiphase PWM Regulator for Intel IMVP8 Desktop CPUs
May 18, 2015
ISL95856 INTERSIL-ISL95856 Datasheet
120Kb / 2P
   43 Multiphase PWM Regulator for Intel IMVP8 Desktop CPUs
September 30, 2015
ISL95853 INTERSIL-ISL95853 Datasheet
111Kb / 2P
   Multiphase PWM Regulator for IMVP8 CPUs
May 6, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com