Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6363CRTZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6363CRTZ
Description  Multiphase PWM Regulator for VR12™ Desktop CPUs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6363CRTZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6363CRTZ Datasheet HTML 6Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 7Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 8Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 9Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 10Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 11Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 12Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 13Page - Intersil Corporation ISL6363CRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ISL6363
10
FN6898.1
September 5, 2013
PROTECTION
Overvoltage Threshold
OVH
VSEN rising above setpoint for >1µs
116
232
mV
Current Imbalance Threshold
One ISEN above another ISEN for >1.2ms
9
mV
VR1 Overcurrent Threshold
4, 3, 2, 1-Phase Configuration PS0 Mode
50
60
71
µA
4-Phase Configuration, drop to 2-Phase in PS1
Mode
30
µA
4-Phase Configuration, drop to 1-Phase in PS2/3
Mode
16
20
26
µA
3-Phase Configuration, drop to 2-Phase in PS1
40
µA
3-Phase Configuration, drop to 1-Phase in PS2/3
16
20
26
µA
2-Phase Configuration, drop to 1-phase in
PS1/2/3 Mode
30
µA
VR2 Overcurrent Threshold
All modes of operation
50
60
71
µA
LOGIC THRESHOLDS
VR_ON Input Low
VIL
0.3
V
VR_ON Input High
VIH
0.7
V
PWM
PWM Output Low
V0L
Sinking 5mA
1.0
V
PWM Output High (Note 6)
V0H
Sourcing 5mA
3.5
4.2
V
PWM Tri-State Leakage
PWM = 2.5V
2
µA
THERMAL MONITOR
NTC Source Current
NTC = 1.3V
58
60
63
µA
VR_HOT# Trip Voltage (VR1 and VR2)
Falling
0.86
0.873
0.89
V
VR_HOT# Reset Voltage (VR1 and VR2)
Rising
0.905
0.929
0.935
V
Therm_Alert Trip Voltage (VR1 and VR2)
Falling
0.9
0.913
0.93
V
Therm_Alert Reset Voltage (VR1 and VR2)
Rising
0.945
0.961
0.975
V
CURRENT MONITOR
IMON Output Current (VR1 and VR2)
ISUM- pin current = 25µA
147
150
154
µA
ICCMAX_Alert Trip Voltage (VR1 and VR2)
Rising
2.61
2.66
2.695
V
ICCMAX_ALERT Reset Voltage (VR1 and VR2)
Falling
2.585
2.62
2.650
V
INPUTS
VR_ON Leakage Current
IVR_ON
VR_ON = 0V
-1
0µA
VR_ON = 1V
18
35
µA
SCLK, SDA Leakage
VR_ON = 0V, SCLK and SDA = 0V and 1V
-1
1
µA
VR_ON = 1V, SCLK and SDA = 1V
-5
1
µA
VR_ON = 1V, SCLK and SDA = 0V
-85
-60
-30
µA
SLEW RATE (For VID Change)
Fast Slew Rate
10
mV/µs
Slow Slew Rate
2.5
mV/µs
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Operating Conditions: VCC = 5V, PVCC = 12V, PVCCG = 12V, TA = 0°C to +70°C, (Commercial) or
-40°C to +85°C (Industrial), fSW = 300kHz, unless otherwise noted.
Boldface limits apply over the operating temperature range, 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS


Similar Part No. - ISL6363CRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6363CRTZ INTERSIL-ISL6363CRTZ Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
logo
Renesas Technology Corp
ISL6363CRTZ RENESAS-ISL6363CRTZ Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
More results

Similar Description - ISL6363CRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6363 INTERSIL-ISL6363 Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
logo
Renesas Technology Corp
ISL6363 RENESAS-ISL6363 Datasheet
1Mb / 32P
   Multiphase PWM Regulator for VR12??Desktop CPUs
ISL95853 RENESAS-ISL95853 Datasheet
179Kb / 2P
   Multiphase PWM Regulator for IMVP8™ CPUs
May 6, 2015
ISL95856 RENESAS-ISL95856 Datasheet
191Kb / 2P
   43 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
June 3, 2016
ISL95824 RENESAS-ISL95824 Datasheet
190Kb / 2P
   42 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
May 18, 2015
logo
Intersil Corporation
ISL95858 INTERSIL-ISL95858 Datasheet
118Kb / 2P
   32 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
July 2, 2015
logo
Renesas Technology Corp
ISL95858 RENESAS-ISL95858 Datasheet
189Kb / 2P
   32 Multiphase PWM Regulator for Intel IMVP8™ Desktop CPUs
July 2, 2015
logo
Intersil Corporation
ISL95824 INTERSIL-ISL95824 Datasheet
119Kb / 2P
   42 Multiphase PWM Regulator for Intel IMVP8 Desktop CPUs
May 18, 2015
ISL95856 INTERSIL-ISL95856 Datasheet
120Kb / 2P
   43 Multiphase PWM Regulator for Intel IMVP8 Desktop CPUs
September 30, 2015
ISL95853 INTERSIL-ISL95853 Datasheet
111Kb / 2P
   Multiphase PWM Regulator for IMVP8 CPUs
May 6, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com