Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6334AIRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6334AIRZ
Description  VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334AIRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6334AIRZ Datasheet HTML 1Page - Intersil Corporation ISL6334AIRZ Datasheet HTML 2Page - Intersil Corporation ISL6334AIRZ Datasheet HTML 3Page - Intersil Corporation ISL6334AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6334AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6334AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6334AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6334AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6334AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
FN6482.2
February 1, 2013
Controller and Driver Recommendation
CONTROLLER
COMMENTS
ISL6334
When PSI# is asserted low, the remained channel transmits a special PWM protocol that can be recognized only by the dedicated
VR11.1 drivers ISL6622/ISL6620 for Diode Emulation (DCM) operation. The dropped channel remains in tri-state.
ISL6334A
When PSI# is asserted low, the remained channel transmits normal CCM PWM that can be recognized by any Intersil driver such
as ISL6612/ISL6614, ISL6596, ISL6610, and even ISL6622/ISL6620. The dropped channel remains in tri-state.
DRIVER
GATE
DRIVE
VOLTAGE
# OF
GATE
DRIVES
DIODE
EMULATION
(DE)
GATE DRIVE
DROP
(GVOT)
COMMENTS
ISL6622
12V
Dual
Yes
Yes
For PSI# channel and its coupled channel in coupled inductor
applications or all channels
ISL6622A,
ISL6622B
12V
Dual
Yes
No
For PSI# channel and its coupled channel in coupled inductor
applications or all channels.
ISL6620, ISL6620A
5V
Dual
Yes
No
For PSI# channel and its coupled channel in coupled inductor
applications or all channels
ISL6612, ISL6612A
12V
Dual
No
No
For dropped phases or all channels with ISL6634A
ISL6596
5V
Dual
No
No
For dropped phases or all channels with ISL6634A
ISL6614, ISL6614A
12V
Quad
No
No
For dropped phases or all channels with ISL6634A
ISL6610, ISL6610A
5V
Quad
No
No
For dropped phases or all channels with ISL6634A
NOTE: Note: Intersil 5V and 12V drivers are mostly pin-to-pin compatible and allow dual footprint layout to optimize MOSFET selection and efficiency.
Dual = One Synchronous Channel; Quad = Two Synchronous Channels.
ISL6334, ISL6334A


Similar Part No. - ISL6334AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334AIRZ INTERSIL-ISL6334AIRZ Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334AIRZ INTERSIL-ISL6334AIRZ Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334AIRZ RENESAS-ISL6334AIRZ Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AIRZ-TR5368 INTERSIL-ISL6334AIRZ-TR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334AIRZ-TR5368 INTERSIL-ISL6334AIRZ-TR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
More results

Similar Description - ISL6334AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334DIRZ INTERSIL-ISL6334DIRZ Datasheet
778Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
November 22, 2013
ISL6334B INTERSIL-ISL6334B Datasheet
794Kb / 30P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
ISL6334D INTERSIL-ISL6334D Datasheet
867Kb / 28P
   VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com