Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6313CRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6313CRZ
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6313CRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6313CRZ Datasheet HTML 7Page - Intersil Corporation ISL6313CRZ Datasheet HTML 8Page - Intersil Corporation ISL6313CRZ Datasheet HTML 9Page - Intersil Corporation ISL6313CRZ Datasheet HTML 10Page - Intersil Corporation ISL6313CRZ Datasheet HTML 11Page - Intersil Corporation ISL6313CRZ Datasheet HTML 12Page - Intersil Corporation ISL6313CRZ Datasheet HTML 13Page - Intersil Corporation ISL6313CRZ Datasheet HTML 14Page - Intersil Corporation ISL6313CRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
FN6448.2
September 2, 2008
The output capacitors conduct the ripple component of the
inductor current. In the case of multi-phase converters, the
capacitor current is the sum of the ripple currents from each
of the individual channels. Compare Equation 1 to the
expression for the peak-to-peak current after the summation
of N symmetrically phase-shifted inductor currents in
Equation 2. Peak-to-peak ripple current decreases by an
amount proportional to the number of channels. Output
voltage ripple is a function of capacitance, capacitor
equivalent series resistance (ESR), and inductor ripple
current. Reducing the inductor ripple current allows the
designer to use fewer or less costly output capacitors.
Another benefit of interleaving is to reduce input ripple
current. Input capacitance is determined in part by the
maximum input ripple current. Multiphase topologies can
improve overall system cost and size by lowering input ripple
current and allowing the designer to reduce the cost of input
capacitance. The example in Figure 2 illustrates input
currents from a three-phase converter combining to reduce
the total input ripple current.
The converter depicted in Figure 2 delivers 1.5V to a 36A load
from a 12V input. The RMS input capacitor current is 5.9A.
Compare this to a single-phase converter also stepping down
12V to 1.5V at 36A. The single-phase converter has
11.9ARMS input capacitor current. The single-phase converter
must use an input capacitor bank with twice the RMS current
capacity as the equivalent three-phase converter.
Active Pulse Positioning (APP) Modulated PWM
Operation
The ISL6313 uses a proprietary Active Pulse Positioning
(APP) modulation scheme to control the internal PWM
signals that command each channel’s driver to turn their
upper and lower MOSFETs on and off. The time interval in
which a PWM signal can occur is generated by an internal
clock, whose cycle time is the inverse of the switching
frequency set by the resistor connected to the FS pin. The
advantage of Intersil’s proprietary Active Pulse Positioning
(APP) modulator is that the PWM signal has the ability to
turn on at any point during this PWM time interval, and turn
off immediately after the PWM signal has transitioned high.
This is important because it allows the controller to quickly
respond to output voltage drops associated with current load
spikes, while avoiding the ring back affects associated with
other modulation schemes.
The PWM output state is driven by the position of the error
amplifier output signal, VCOMP minus the current correction
signal relative to the proprietary modulator ramp waveform
as illustrated in Figure 4. At the beginning of each PWM time
interval, this modified VCOMP signal is compared to the
internal modulator waveform. As long as the modified
VCOMP voltage is lower then the modulator waveform
voltage, the PWM signal is commanded low. The internal
MOSFET driver detects the low state of the PWM signal and
turns off the upper MOSFET and turns on the lower
synchronous MOSFET. When the modified VCOMP voltage
crosses the modulator ramp, the PWM output transitions
high, turning off the synchronous MOSFET and turning on
the upper MOSFET. The PWM signal will remain high until
the modified VCOMP voltage crosses the modulator ramp
again. When this occurs the PWM signal will transition low
again.
During each PWM time interval the PWM signal can only
transition high once. Once PWM transitions high it can not
transition high again until the beginning of the next PWM
time interval. This prevents the occurrence of double PWM
pulses occurring during a single period.
Adaptive Phase Alignment (APA)
To further improve the transient response, the ISL6313 also
implements Intersil’s proprietary Adaptive Phase Alignment
(APA) technique, which turns on all of the channels together
at the same time during large current step transient events.
(EQ. 2)
I
CP-P
()
V
IN
NV
OUT
() V
OUT
Lf
S
V
IN
--------------------------------------------------------------------
=
FIGURE 2. CHANNEL INPUT CURRENTS AND
INPUT-CAPACITOR RMS CURRENT FOR
3-PHASE CONVERTER
CHANNEL 1
INPUT CURRENT
CHANNEL 2
INPUT CURRENT
CHANNEL 3
INPUT CURRENT
INPUT-CAPACITOR CURRENT, 10A/DIV
1µs/DIV
FIGURE 3. ADAPTIVE PHASE ALIGNMENT DETECTION
EXTERNAL CIRCUIT
ISL6313 INTERNAL CIRCUIT
COMP
VAPA,TRIP
ERROR
APA
AMPLIFIER
CAPA
RAPA
LOW
FILTER
-
+
APA
PASS
100µA
TO APA
CIRCUITRY
ISL6313
ISL6313


Similar Part No. - ISL6313CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
894Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6313CRZ RENESAS-ISL6313CRZ Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results

Similar Description - ISL6313CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
894Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com