Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6271ACRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6271ACRZ
Description  Integrated XScale Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6271ACRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6271ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6271ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6271ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6271ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6271ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6271ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6271ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6271ACRZ Datasheet HTML 12Page - Intersil Corporation ISL6271ACRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN9171.2
August 10, 2015
Submit Document Feedback
Soft-Start and Slew Rate Control
To assure stability and minimize overshoot at start-up and
during DVM transitions, the ISL6271A implements a
controlled rise time of each regulator output. The Slew Rate
control bits in Table 2 are used to route one of 4 current
sources to the SOFT pin. These current sources along with
the soft-start capacitor will control the rate of rise of voltage
during DVM transitions. The recommended 10nF soft-start
capacitor will result in a typical slew rate of 1mV/µs at start-
up and the programmable DVM slew rates defined in
Table 2. Slower or faster start-up and DVM transactions can
be accommodated by selecting a smaller or larger soft-start
capacitor. By default bits D5 and D4 are set to “01”
corresponding to a SS current of 10µA. Writing “00” will
result in a 5µA of current whereas “10” corresponds to 24µA
and “11” corresponds to a typical source current of 47µA.
The expression i = cdv/dt can be used to solve for the
appropriate slew rate.
Example: Desired slew rate = 10mV/µs fixed slew rate and
the slew rate control bits are set to “11”. Then:
Isource = I11= 47µA (nominal), therefore
NOTE: Intel specifies a maximum slew rate for Vcore transitions. To
satisfy this requirement, the SS capacitor and SOFT pin sink/source
current tolerances must be considered. Refer to the Electrical
Specification table and appropriate Intel documents for details. Note
that when D5 and D4 are set to “11” the maximum source current is
64µA. Under this condition, the slew rate would be 16mV/µs if a
4.7nF SS capacitor varied by 15% negative. For this reason a 6.8nF
capacitor is recommended when D5 and D4 are set to “11”.
Undervoltage and Overvoltage on Vout
If the output voltage of the switching regulator exceeds 114%
of the SOFT pin voltage (programmed DAC voltage) for
longer than 1.5µs, an overvoltage fault will be tripped and
the phase node will be three-stated. Hysteresis requires the
voltage to fall to 106% before the fault is automatically reset.
An undervoltage occurs when the output voltage falls below
86% of SOFT pin voltage. Once this fault is triggered,
hysteresis sets the reset point to 94%. An undervoltage
condition will occur if the output DC current plus the ripple
exceeds the current limit point for a period longer than the
output capacitance hold-up time.
Loop Compensation
All three regulators are internally compensated for stability;
however, an external resistor connected between the core
regulator output and the FB pin can be used to alter the
closed loop gain of the switching regulator and optimize
transient response for a given output filter selection. The
following combinations of component values are
recommended:
Overcurrent Limit
To protect against an overcurrent condition, the core
regulator employs a proprietary current sensing circuit that
monitors the voltage drop across the internal upper
MOSFET. When an overcurrent condition is detected the
controller will limit the output current and if the condition
persists, the output voltage level will drop below the
undervoltage level tripping the PGOOD indicator. See
“Applications section” for details.
SRAM and PLL LDOs
The two linear regulators on the ISL6271A are designed to
satisfy the power requirements of the SRAM and phase-lock
loop circuitry internal to XScale processors. These
regulators share a common input voltage pin (LVCC) that
can be tied to the main battery PVCC or preferably to a lower
system voltage to effect a higher conversion efficiency. It is
recommended that LVCC be connected to pre-regulated
voltages between 1.8V - 2.5V.
Each LDO is internally compensated and designed to
operate with a low-ESR ceramic capacitor (X5R or better)
between 2.2µF and 3.3µF. Both LDOs have overcurrent,
undervoltage and thermal protection and share a common
enable signal (EN) with the core regulator, allowing them to
be enabled/disabled together as required by the processor.
BFLT#
The logic state of the BFLT# output indicates whether the
main battery input is adequate to power the system in
normal operation. A battery low (or absent) condition is
indicated by this pin being pulled low. Upon initial application
of battery power, it will indicate a battery good condition
when the battery voltage is greater than 2.8V (nominal), and
it will sustain the battery good indication until the voltage
drops below 2.6V (nominal). The output is pulled actively
low, with no main battery connected by tapping power from
the secondary input, BBAT. It is actively driven to BBAT
when the main battery is within the POR thresholds.
TABLE 2. SLEW RATE-SET BIT
I2C DATA BYTE
RATE
mV/µs
D5
D4
XX
0
0
XXX
X
0.5
XX
0
1
XXX
X
1
XX
1
0
XXX
X
2.5
XX
1
1
XXX
X
5
(EQ. 1)
C
Isource
dv
dt
------
----------------------
=
47
A
10mV
s
----------------
----------------
4.7nF
=
=
TABLE 3. RECOMMENDED KEY COMPONENT VALUES FOR
CORE REGULATOR
LO
COUT
RCOMP
3.3µH
4.7µF
100k
4.7µH
10µF
50k
ISL6271A


Similar Part No. - ISL6271ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
588Kb / 16P
   Integrated XScale Regulator
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6271ACRZ RENESAS-ISL6271ACRZ Datasheet
941Kb / 17P
   Integrated XScale Regulator
logo
Intersil Corporation
ISL6271ACRZ-T INTERSIL-ISL6271ACRZ-T Datasheet
588Kb / 16P
   Integrated XScale Regulator
ISL6271ACRZ-T INTERSIL-ISL6271ACRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6271ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6271A RENESAS-ISL6271A Datasheet
941Kb / 17P
   Integrated XScale Regulator
logo
Intersil Corporation
ISL6271A INTERSIL-ISL6271A Datasheet
588Kb / 16P
   Integrated XScale Regulator
logo
Intel Corporation
81348 INTEL-81348 Datasheet
948Kb / 89P
   Two Integrated Intel XScale processors
logo
Silicon Laboratories
SL28PCIE25 SILABS-SL28PCIE25 Datasheet
419Kb / 17P
   Integrated voltage regulator
logo
Texas Instruments
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
logo
AAEON Technology
AOP-8070HT AAEON-AOP-8070HT Datasheet
353Kb / 2P
   Marvell짰 XScale PXA270 Low Power Processor
logo
Advantech Co., Ltd.
APAX-5520CE ADVANTECH-APAX-5520CE Datasheet
188Kb / 1P
   PC-based Controller with XScale CPU
logo
Micrel Semiconductor
MIC24085 MICREL-MIC24085 Datasheet
1Mb / 16P
   Integrated FET Buck Regulator
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com