Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6262IRZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6262IRZ-T
Description  Two-Phase Core Regulator for IMVP-6 Mobile CPUs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6262IRZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6262IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 12Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 13Page - Intersil Corporation ISL6262IRZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
FN9199.2
May 15, 2006
Typical Performance Curves 0.36µH Filter Inductor and 4 x 330µF Output SP Caps
FIGURE 8. SOFT-START WAVEFORM SHOWING SLEW RATE
OF 2.5mV/µs AT VID = 1V, ILOAD = 10A
FIGURE 9. SOFT-START WAVEFORM SHOWING SLEW RATE
OF 2.5mV/µs AT VID = 1.4375V, ILOAD = 10A
FIGURE 10. SOFT-START WAVEFORM SHOWING CLK_EN#
AND IMVP-6 PGOOD
FIGURE 11. INRUSH CURRENT AT START-UP, VIN = 8V,
VID = 1.4375V, ILOAD = 10A
FIGURE 12. 8V-20V INPUT LINE TRANSIENT RESPONSE,
CIN = 240µF
FIGURE 13. 2 PHASE CURRENT BALANCE, FULL LOAD = 50A
VOUT
VSOFT
VR_ON
CSOFT = 15nF
VR_ON
VOUT
VSOFT
CSOFT = 15nF
VOUT @ 1.4375V
VOUT @ 1.2V
PGD_IN
CLK_EN#
IMVP-6_PWRGD
IIN
IL1, IL2
VOUT
IIN
LINE TRANSIENT
VOUT
VIN
ISL6262


Similar Part No. - ISL6262IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262IRZ-T INTERSIL-ISL6262IRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262IRZ-T RENESAS-ISL6262IRZ-T Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
More results

Similar Description - ISL6262IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
logo
Intersil Corporation
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
   Automotive Single-Phase Core Regulator for IMVP-6??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com