Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6208CRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6208CRZ
Description  High Voltage Synchronous Rectified Buck MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208CRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6208CRZ Datasheet HTML 1Page - Intersil Corporation ISL6208CRZ Datasheet HTML 2Page - Intersil Corporation ISL6208CRZ Datasheet HTML 3Page - Intersil Corporation ISL6208CRZ Datasheet HTML 4Page - Intersil Corporation ISL6208CRZ Datasheet HTML 5Page - Intersil Corporation ISL6208CRZ Datasheet HTML 6Page - Intersil Corporation ISL6208CRZ Datasheet HTML 7Page - Intersil Corporation ISL6208CRZ Datasheet HTML 8Page - Intersil Corporation ISL6208CRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISL6208, ISL6208B
4
FN9115.7
July 14, 2014
Submit Document Feedback
LGATE Fall Time (Note 10)
tFL
VVCC = 5V, 3nF load
-
4.0
-
ns
UGATE Turn-Off Propagation Delay
tPDLU
VVCC = 5V, outputs unloaded
-
18
-
ns
LGATE Turn-Off Propagation Delay
tPDLL
VVCC = 5V, outputs unloaded
-
25
-
ns
UGATE Turn-On Propagation Delay
tPDHU
VVCC = 5V, outputs unloaded
10
20
30
ns
LGATE Turn-On Propagation Delay
tPDHL
VVCC = 5V, outputs unloaded
10
20
30
ns
UG/LG Three-State Propagation Delay
tPTS
VVCC = 5V, outputs unloaded
-
35
-
ns
Minimum LG ON-TIME in DCM (Note 10)tLGMIN
-
400
-
ns
OUTPUT
Upper Drive Source Resistance
RU
500mA source current
-
1
2.5
Upper Driver Source Current (Note 10)IU
VUGATE-PHASE = 2.5V
-
2.00
-
A
Upper Drive Sink Resistance
RU
500mA sink current
-
1
2.5
Upper Driver Sink Current (Note 10)IU
VUGATE-PHASE = 2.5V
-
2.00
-
A
Lower Drive Source Resistance
RL
500mA source current
-
1
2.5
Lower Driver Source Current (Note 10)IL
VLGATE = 2.5V
-
2.00
-
A
Lower Drive Sink Resistance
RL
500mA sink current
-
0.5
1.0
Lower Driver Sink Current (Note 10)IL
VLGATE = 2.5V
-
4.00
-
A
NOTES:
10. Limits established by characterization and are not production tested.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Recommended Operating Conditions, Unless Otherwise Noted. Boldface limits apply across the operating
temperature range.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11)TYP
MAX
(Note 11)UNITS


Similar Part No. - ISL6208CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6208CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208C INTERSIL-ISL6208C Datasheet
336Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_13 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_11 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BCRZ-T INTERSIL-ISL6208BCRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CBZ-T INTERSIL-ISL6208CBZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6208C RENESAS-ISL6208C Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CHRZ INTERSIL-ISL6208CHRZ Datasheet
338Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
logo
Renesas Technology Corp
ISL6208 RENESAS-ISL6208 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com