Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P4905-5Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA9P4905-5Z
Description  Precision Quad Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P4905-5Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA9P4905-5Z Datasheet HTML 2Page - Intersil Corporation HA9P4905-5Z Datasheet HTML 3Page - Intersil Corporation HA9P4905-5Z Datasheet HTML 4Page - Intersil Corporation HA9P4905-5Z Datasheet HTML 5Page - Intersil Corporation HA9P4905-5Z Datasheet HTML 6Page - Intersil Corporation HA9P4905-5Z Datasheet HTML 7Page - Intersil Corporation HA9P4905-5Z Datasheet HTML 8Page - Intersil Corporation HA9P4905-5Z Datasheet HTML 9Page - Intersil Corporation HA9P4905-5Z Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
HA-4900, HA-4902, HA-4905
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above
the seating plane, shall not exceed a maximum value of 0.61mm (0.024
inch)
10. Controlling dimension: MILLIMETER. Converted inch dimensions are
not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
α
M16.3 (JEDEC MS-013-AA ISSUE C)
16 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0926
0.1043
2.35
2.65
-
A1
0.0040
0.0118
0.10
0.30
-
B
0.013
0.0200
0.33
0.51
9
C
0.0091
0.0125
0.23
0.32
-
D
0.3977
0.4133
10.10
10.50
3
E
0.2914
0.2992
7.40
7.60
4
e
0.050 BSC
1.27 BSC
-
H
0.394
0.419
10.00
10.65
-
h
0.010
0.029
0.25
0.75
5
L
0.016
0.050
0.40
1.27
6
N16
16
7
α
-
Rev. 1 6/05


Similar Part No. - HA9P4905-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P4905-5Z INTERSIL-HA9P4905-5Z Datasheet
235Kb / 8P
   Precision Quad Comparators
logo
Renesas Technology Corp
HA9P4905-5Z RENESAS-HA9P4905-5Z Datasheet
578Kb / 10P
   Precision Quad Comparators
More results

Similar Description - HA9P4905-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900 Datasheet
102Kb / 8P
   Precision Quad Comparators
September 1998
HA-4900 INTERSIL-HA-4900_05 Datasheet
235Kb / 8P
   Precision Quad Comparators
logo
Renesas Technology Corp
HA-4900 RENESAS-HA-4900 Datasheet
578Kb / 10P
   Precision Quad Comparators
logo
Texas Instruments
TLV9022 TI-TLV9022_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022_V03 Datasheet
3Mb / 54P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
REVISED AUGUST 2021
TLV9022 TI-TLV9022 Datasheet
2Mb / 41P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022_V04 Datasheet
4Mb / 58P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
MAY 2022
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com