Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P5020-5Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA9P5020-5Z
Description  100MHz Current Feedback Video Amplifier With Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5020-5Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA9P5020-5Z Datasheet HTML 4Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 5Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 6Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 7Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 8Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 9Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 10Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 11Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
FN2845.13
August 11, 2015
Test Circuits and Waveforms
FIGURE 1. TEST CIRCUIT FOR TRANSIMPEDANCE MEASUREMENTS
FIGURE 2. SMALL SIGNAL PULSE RESPONSE CIRCUIT
FIGURE 3. LARGE SIGNAL PULSE RESPONSE CIRCUIT
FIGURE 4. SMALL SIGNAL RESPONSE
FIGURE 5. LARGE SIGNAL RESPONSE
+
-
50
50
DUT
HP4195
NETWORK
ANALYZER
VIN
VOUT
RL
RF, 1k
100
50
+
-
DUT
VIN
VOUT
RL
RF, 681
400
50
+
-
DUT
RI
681
Vertical Scale: VIN = 100mV/Div., VOUT = 100mV/Div.
Horizontal Scale: 20ns/Div.
VIN
VOUT
Vertical Scale: VIN = 1V/Div., VOUT = 1V/Div.
Horizontal Scale: 50ns/Div.
VIN
VOUT
HA-5020


Similar Part No. - HA9P5020-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P5020-5Z INTERSIL-HA9P5020-5Z Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
logo
Renesas Technology Corp
HA9P5020-5Z RENESAS-HA9P5020-5Z Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
HA9P5020-5ZX96 INTERSIL-HA9P5020-5ZX96 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
logo
Renesas Technology Corp
HA9P5020-5ZX96 RENESAS-HA9P5020-5ZX96 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
More results

Similar Description - HA9P5020-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
logo
Renesas Technology Corp
HA-5020 RENESAS-HA-5020 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com