Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P5020-5Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA9P5020-5Z
Description  100MHz Current Feedback Video Amplifier With Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5020-5Z Datasheet(HTML) 4 Page - Intersil Corporation

  HA9P5020-5Z Datasheet HTML 1Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 2Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 3Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 4Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 5Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 6Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 7Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 8Page - Intersil Corporation HA9P5020-5Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
FN2845.13
August 11, 2015
OUTPUT CHARACTERISTICS
Output Voltage Swing (Note 17)
RL = 150
25 to 85
12
12.7
-
V
-40 to 0
11
11.8
-
V
Output Current (Guaranteed by Output Voltage Test)
25
30
31.7
-
mA
Full
27.5
-
-
mA
POWER SUPPLY CHARACTERISTICS
Quiescent Supply Current (Note 17)
Full
-
7.5
10
mA
Supply Current, Disabled (Note 17)
DISABLE = 0V
Full
-
5
7.5
mA
Disable Pin Input Current
DISABLE = 0V
Full
-
1.0
1.5
mA
Minimum Pin 8 Current to Disable (Note 7)
Full
350
-
-
µA
Maximum Pin 8 Current to Enable (Note 8)
Full
-
-
20
µA
AC CHARACTERISTICS (AV = +1)
Slew Rate (Note 9)
25
600
800
-
V/µs
Full
500
700
-
V/µs
Full Power Bandwidth (Note 10)
(Guaranteed by Slew Rate Test)
25
9.6
12.7
-
MHz
Full
8.0
11.1
-
MHz
Rise Time (Note 11)
25
-
5
-
ns
Fall Time (Note 11)
25
-
5
-
ns
Propagation Delay (Notes 11, 17)
25
-
6
-
ns
-3dB Bandwidth (Note 17)
VOUT = 100mV
25
-
100
-
MHz
Settling Time to 1%
10V Output Step
25
-
45
-
ns
Settling Time to 0.25%
10V Output Step
25
-
100
-
ns
AC CHARACTERISTICS (AV = +10, RF = 383)
Slew Rate (Notes 9, 12)
25
900
1100
-
V/µs
Full
700
-
-
V/µs
Full Power Bandwidth (Note 10)
(Guaranteed by Slew Rate Test)
25
14.3
17.5
-
MHz
Full
11.1
-
-
MHz
Rise Time (Note 11)
25
-
8
-
ns
Fall Time (Note 11)
25
-
8
-
ns
Propagation Delay (Notes 11, 17)
25
-
9
-
ns
-3dB Bandwidth
VOUT = 100mV
25
-
60
-
MHz
Settling Time to 1%
10V Output Step
25
-
55
-
ns
Settling Time to 0.1%
10V Output Step
25
-
90
-
ns
INTERSIL VALUE ADDED SPECIFICATIONS
Input Noise Voltage (Note 17)
f = 1kHz
25
-
4.5
-
nV/
Hz
+Input Noise Current (Note 17)
f = 1kHz
25
-
2.5
-
pA/
Hz
-Input Noise Current (Note 17)
f = 1kHz
25
-
25
-
pA/
Hz
Input Common Mode Range
Full
10
12
-
V
-IBIAS Adjust Range (Note 6)
Full
25
40
-
µA
Overshoot (Note 17)
25
-
7
-
%
Electrical Specifications
VSUPPLY = 15V, RF = 1k AV = +1, RL = 400 CL  10pF,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP.
(°C)
MIN
TYP
MAX
UNITS
HA-5020


Similar Part No. - HA9P5020-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P5020-5Z INTERSIL-HA9P5020-5Z Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
logo
Renesas Technology Corp
HA9P5020-5Z RENESAS-HA9P5020-5Z Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
HA9P5020-5ZX96 INTERSIL-HA9P5020-5ZX96 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
logo
Renesas Technology Corp
HA9P5020-5ZX96 RENESAS-HA9P5020-5ZX96 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
More results

Similar Description - HA9P5020-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
logo
Renesas Technology Corp
HA-5020 RENESAS-HA-5020 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com