Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P5002-5Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA9P5002-5Z
Description  110MHz, High Slew Rate, High Output Current Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5002-5Z Datasheet(HTML) 1 Page - Intersil Corporation

  HA9P5002-5Z Datasheet HTML 1Page - Intersil Corporation HA9P5002-5Z Datasheet HTML 2Page - Intersil Corporation HA9P5002-5Z Datasheet HTML 3Page - Intersil Corporation HA9P5002-5Z Datasheet HTML 4Page - Intersil Corporation HA9P5002-5Z Datasheet HTML 5Page - Intersil Corporation HA9P5002-5Z Datasheet HTML 6Page - Intersil Corporation HA9P5002-5Z Datasheet HTML 7Page - Intersil Corporation HA9P5002-5Z Datasheet HTML 8Page - Intersil Corporation HA9P5002-5Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
HA-5002
110MHz, High Slew Rate, High Output
Current Buffer
The HA-5002 is a monolithic, wideband, high slew rate, high
output current, buffer amplifier.
Utilizing the advantages of the Intersil D.I. technologies, the
HA-5002 current buffer offers 1300V/
μs slew rate with
110MHz of bandwidth. The
±200mA output current capability
is enhanced by a 3
Ω output impedance.
The monolithic HA-5002 will replace the hybrid LH0002 with
corresponding performance increases. These characteristics
range from the 3000k
Ω input impedance to the increased
output voltage swing. Monolithic design technologies have
allowed a more precise buffer to be developed with more than
an order of magnitude smaller gain error.
The HA-5002 will provide many present hybrid users with a
higher degree of reliability and at the same time increase
overall circuit performance.
For the military grade product, refer to the HA-5002/883
datasheet.
Features
• Voltage gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.995
• High input impedance . . . . . . . . . . . . . . . . . . . . . .3000k
Ω
• Low output impedance . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω
• Very high slew rate. . . . . . . . . . . . . . . . . . . . . . . 1300V/
μs
• Very wide bandwidth . . . . . . . . . . . . . . . . . . . . . . 110MHz
• High output current
. . . . . . . . . . . . . . . . . . . . . . . . . . ±200mA
• Pulsed output current . . . . . . . . . . . . . . . . . . . . . . . 400mA
• Monolithic construction
• Pb-Free available (RoHS Compliant)
Applications
• Line driver
• Data acquisition
• 110MHz buffer
• Radar cable driver
• High power current booster
• High power current source
• Sample and holds
• Video products
Ordering Information
PART NUMBER
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HA2-5002-2
HA2- 5002-2
-55 to +125
8 Pin Metal Can
T8.C
HA4P5002-5Z (Note 1)
HA4P 5002-5Z
0 to +75
20 Ld PLCC (Pb-free)
N20.35
HA9P5002-5Z (Note 1)
5002 5Z
0 to +75
8 Ld SOIC (Pb-free)
M8.15
HA9P5002-9Z (Note 1)
5002 9Z
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
NOTE:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
October 18, 2013
FN2921.12
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2003-2006, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA9P5002-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P5002-5Z INTERSIL-HA9P5002-5Z Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Renesas Technology Corp
HA9P5002-5Z RENESAS-HA9P5002-5Z Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
More results

Similar Description - HA9P5002-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com